Moteur de recherche de fiches techniques de composants électroniques |
|
SA28AG Fiches technique(PDF) 3 Page - ON Semiconductor |
|
SA28AG Fiches technique(HTML) 3 Page - ON Semiconductor |
3 / 6 page SA5.0A Series http://onsemi.com 3 ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, VF = 3.5 V Max. @ IF (Note 6) = 35 A) Device* Device Marking VRWM (Note 3) IR @ VRWM Breakdown Voltage VC @ IPP (Note 5) QVBR VBR (Note 4) (Volts) @ IT VC IPP Volts mA Min Nom Max mA Volts A mV/ °C SA5.0A, G SA5.0A 5 600 6.4 6.7 7 10 9.2 54.3 5 SA6.0A, G SA6.0A 6 600 6.67 7.02 7.37 10 10.3 48.5 5 SA7.0A, G SA7.0A 7 150 7.78 8.19 8.6 10 12 41.7 6 SA7.5A, G SA7.5A 7.5 50 8.33 8.77 9.21 1 12.9 38.8 7 SA8.0A, G† SA8.0A 8 25 8.89 9.36 9.83 1 13.6 36.7 7 SA8.5A, G SA8.5A 8.5 5 9.44 9.92 10.4 1 14.4 34.7 8 SA9.0A, G SA9.0A 9 1 10 10.55 11.1 1 15.4 32.5 9 SA10A, G SA10A 10 1 11.1 11.7 12.3 1 17 29.4 10 SA11A, G SA11A 11 1 12.2 12.85 13.5 1 18.2 27.4 11 SA12A, G SA12A 12 1 13.3 14 14.7 1 19.9 25.1 12 SA13A, G SA13A 13 1 14.4 15.15 15.9 1 21.5 23.2 13 SA14A, G SA14A 14 1 15.6 16.4 17.2 1 23.2 21.5 14 SA15A, G SA15A 15 1 16.7 17.6 18.5 1 24.4 20.6 16 SA16A, G SA16A 16 1 17.8 18.75 19.7 1 26 19.2 17 SA17A, G SA17A 17 1 18.9 19.9 20.9 1 27.6 18.1 19 SA18A, G SA18A 18 1 20 21.05 22.1 1 29.2 17.2 20 SA20A, G SA20A 20 1 22.2 23.35 24.5 1 32.4 15.4 23 SA22A, G SA22A 22 1 24.4 25.65 26.9 1 35.5 14.1 25 SA24A, G SA24A 24 1 26.7 28.1 29.5 1 38.9 12.8 28 SA26A, G SA26A 26 1 28.9 30.4 31.9 1 42.1 11.9 30 SA28A, G SA28A 28 1 31.1 32.75 34.4 1 45.4 11 31 SA30A, G SA30A 30 1 33.3 35.05 36.8 1 48.4 10.3 36 SA33A, G SA33A 33 1 36.7 38.65 40.6 1 53.3 9.4 39 SA36A, G SA36A 36 1 40 42.1 44.2 1 58.1 8.6 41 SA40A, G SA40A 40 1 44.4 46.55 49.1 1 64.5 7.8 46 SA43A, G SA43A 43 1 47.8 50.3 52.8 1 69.4 7.2 50 SA45A, G SA45A 45 1 50 52.65 55.3 1 72.7 6.9 52 SA48A, G SA48A 48 1 53.3 56.1 58.9 1 77.4 6.5 56 SA51A, G SA51A 51 1 56.7 59.7 62.7 1 82.4 6.1 61 SA58A, G SA58A 58 1 64.4 67.8 71.2 1 93.6 5.3 70 SA60A, G SA60A 60 1 66.7 70.2 73.7 1 96.8 5.2 71 SA64A, G SA64A 64 1 71.1 74.85 78.6 1 103 4.9 76 SA64ALF, G SA64A 64 1 71.1 74.85 78.6 1 103 4.9 76 SA70A, G SA70A 70 1 77.8 81.9 86 1 113 4.4 85 SA78A, G SA78A 78 1 86.7 91.25 95.8 1 126 4.0 95 SA90A, G SA90A 90 1 100 105.5 111 1 146 3.4 110 SA100A, G SA100A 100 1 111 117 123 1 162 3.1 123 SA110A, G SA110A 110 1 122 128.5 135 1 177 2.8 133 SA120A, G SA120A 120 1 133 140 147 1 193 2.5 146 SA130A, G† SA130A 130 1 144 151.5 159 1 209 2.4 158 SA150A, G SA150A 150 1 167 176 185 1 243 2.1 184 SA160A, G† SA160A 160 1 178 187.5 197 1 259 1.9 196 SA170A, G SA170A 170 1 189 199 209 1 275 1.8 208 NOTE: Devices listed in bold, italic are ON Semiconductor Preferred devices. Preferred devices are recommended choices for future use and best overall value. 3. MiniMOSORB t transients suppressor is normally selected according to the maximum working peak reverse voltage (VRWM), which should be equal to or greater than the dc or continuous peak operating voltage level. 4. VBR measured at pulse test current IT at an ambient temperature of 25°C. 5. Surge current waveform per Figure 4 and derate per Figures 1 and 2. 6. 1/2 sine wave (or equivalent square wave), PW = 8.3 ms, duty cycle = 4 pulses per minute *The “G’’ suffix indicates Pb−Free package available. †Not Available in the 5000/Tape & Reel. |
Numéro de pièce similaire - SA28AG |
|
Description similaire - SA28AG |