Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-4503 Fiches technique(PDF) 5 Page - Agilent(Hewlett-Packard)

No de pièce HCPL-4503
Description  Small Outline, 5 Lead, High Speed Optocouplers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-4503 Fiches technique(HTML) 5 Page - Agilent(Hewlett-Packard)

  HCPL-4503 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-4503 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-4503 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-4503 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-4503 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-4503 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-4503 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-4503 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Switching Specifications
Over recommended temperature (TA = 0°C to 70°C) VCC = 5 V, IF = 16 mA unless otherwise specified.
Parameter
Symbol
Device Min. Typ.* Max. Units Test Conditions
Fig. Note
Propagation
tPHL
0.2
0.8
µsT
A = 25°C
5, 6,
9
Delay Time
RL = 1.9 kΩ 10
to Logic Low
at Output
Propagation
tPLH
0.6
0.8
TA = 25°C
5, 6,
9
Delay Time
RL = 1.9 kΩ 10
to Logic High
at Output
Common
|CMH|
HCPL-
1
kV/
µsV
CM = 10 Vp-p
11
8, 9
Mode
M452
Transient
Immunity at
HCPL-
15
30
VCM = 1500 Vp-p
Logic High
M453
Level Output
Common
|CML|
HCPL-
1
VCM = 10 Vp-p
11
8, 9
Mode
M452
Transient
Immunity at
HCPL-
15
30
VCM = 1500 Vp-p
Logic Low
M453
Level Output
Bandwidth
BW
3
MHz
RL = 100 Ω, See Test Circuit 8, 9
10
All typicals at TA = 25°C.
1.0
1.0
Notes:
1. Derate linearly above 85
°C free-air temperature at a rate of 0.5 mA/°C.
2. Derate linearly above 85
°C free-air temperature at a rate of 1.0 mA/°C.
3. Derate linearly above 85
°C free-air temperature at a rate of 1.1 mW/°C.
4. Derate linearly above 85
°C free-air temperature at a rate of 2.3 mW/°C.
5. CURRENT TRANSFER RATIO in percent is defined as the ratio of output collector current, IO, to the forward LED input
current, IF, times 100.
6. Device considered a two terminal device: pins 1 and 3 shorted together, and pins 4, 5 and 6 shorted together.
7. In accordance with UL 1577, each optocoupler is proof tested by applying an insulation test voltage
≥ 4500 V
RMS for 1 second
(leakage detection current limit, II-O ≤ 5 µA).
8. Common transient immunity in a Logic High level is the maximum tolerable (positive) dVCM/dt on the rising edge of the
common mode pulse, VCM, to assure that the output will remain in a Logic High state (i.e., VO > 2.0 V). Common mode
transient immunity in a Logic Low level is the maximum tolerable (negative) dVCM/dt on the falling edge of the common mode
pulse signal, VCM to assure that the output will remain in a Logic Low state (i.e., VO < 0.8 V).
9. The 1.9 k
Ω load represents 1 TTL unit load of 1.6 mA and the 5.6 kΩ pull-up resistor.
10. The frequency at which the ac output voltage is 3 dB below its mid-frequency value.
11. Use of a 0.1
µF bypass capacitor connected between pins 4 and 6 is recommended.
IF = 0 mA
TA = 25°C
RL = 1.9 kΩ
IF = 16 mA
TA = 25°C
RL = 1.9 kΩ


Numéro de pièce similaire - HCPL-4503

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-4503 HP-HCPL-4503 Datasheet
149Kb / 16P
   Single Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4503 AVAGO-HCPL-4503 Datasheet
341Kb / 16P
   Single Channel, High Speed Optocouplers TTL compatible
logo
Broadcom Corporation.
HCPL-4503 BOARDCOM-HCPL-4503 Datasheet
101Kb / 2P
   Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
HCPL-4503 BOARDCOM-HCPL-4503 Datasheet
54Kb / 3P
   Option 060 for Plastic Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4503-000E AVAGO-HCPL-4503-000E Datasheet
351Kb / 16P
   Single Channel, High Speed Optocouplers
More results

Description similaire - HCPL-4503

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M453-000E AVAGO-HCPL-M453-000E Datasheet
152Kb / 9P
   Small Outline, 5 Lead, High Speed Optocouplers
HCPL-M611-500E AVAGO-HCPL-M611-500E Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M611 AVAGO-HCPL-M611 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-M611 HP-HCPL-M611 Datasheet
261Kb / 10P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M600 AVAGO-HCPL-M600 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M601-500E AVAGO-HCPL-M601-500E Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M600500 AVAGO-HCPL-M600500 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M601-000E AVAGO-HCPL-M601-000E Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M452 AVAGO-HCPL-M452 Datasheet
152Kb / 9P
   HCPL-M452/HCPL-M453 Small Outline, 5 Lead, High Speed Optocouplers
logo
List of Unclassifed Man...
HCPLM700 ETC1-HCPLM700 Datasheet
95Kb / 8P
   Small Outline, 5 Lead, Low Input Current, High Gain Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com