Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2213616-1 Fiches technique(PDF) 1 Page - TE Connectivity Ltd

No de pièce 2213616-1
Description  HERMAPHRODITIC CONNECTORS WITH GOLD PLATING
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TEC [TE Connectivity Ltd]
Site Internet  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2213616-1 Fiches technique(HTML) 1 Page - TE Connectivity Ltd

  2213616-1 Datasheet HTML 1Page - TE Connectivity Ltd 2213616-1 Datasheet HTML 2Page - TE Connectivity Ltd 2213616-1 Datasheet HTML 3Page - TE Connectivity Ltd 2213616-1 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NEED PRODUCT
GROUP PHOTO
INTELLIGENT BUILDINGS /// HERMAPHRODITIC CONNECTORS WITH GOLD PLATING
TE Connectivity (TE) introduces the standard Hermaphroditic Blade
and Receptacle connectors with selective gold plating. The gold
plated connectors are suitable for harsh environments where moisture
and high vibration may be present. The Wire-to-Board connectors
are also available that accept select gold-plated contacts and mates
to the new part number series of the surface mount Hermaphroditic
Blade and Receptacle board to board connectors. The connector
provides power to the first LED printed circuit board and between
adjacent LED printed circuit boards in a linear lighting fixture.
Key Benefits
• Available in 2, 4 and 6 positions to
connect power, signal and data
• Board to board connectors mate to
themselves vertically and horizontally to
simplify assembly and service
• Wire to board connectors provide
positive latching
• Low profile, flat design with rounded
corners eliminate shadowing
• Tape and reel packaged product is
compatible with high speed SMT and
reflow solder process
• Select gold plating eliminates the
potential for fretting corrosion
caused by micro motion in harsh LED
lighting environments
HERMAPHRODITIC
CONNECTORS WITH
GOLD PLATING
Applications
• LED lighting modules
• LED lighting strips
• Channel lettering
• Commercial refrigeration LED lighting
• Rail, bus and airplane LED lighting
Electrical
• Operating Current:
6 AMPS
• Operating Voltage:
125VAC/125VDC
• Dielectric Withstanding
Voltage:
1500VAC
Mechanical
• Operating Temperature:
-40°C to +105°C
• Mating cycles:
10
Product Specifications
• Product Specification:
108-2342 for
Hermaphroditic Products
• Application Specification:
114-13225 for Hermaphroditic
Board-to-Board Products
• Application Specification:
114-13252 for Hermaphroditic
Wire-to-Board Products
Materials
• Housing:
UL 94V0 high temperature
resistant thermoplastic
• Contact:
Gold over Nickel at separable
interface (tin over Nickel
for the remainder)


Numéro de pièce similaire - 2213616-1

FabricantNo de pièceFiches techniqueDescription
logo
TE Connectivity Ltd
2213616-1 TEC-2213616-1 Datasheet
325Kb / 2P
   CONNECTOR ASSEMBLY, HERMAPHRODITIC BLADE AND RECEPTACLE, WITH BOSS
More results

Description similaire - 2213616-1

FabricantNo de pièceFiches techniqueDescription
logo
Glenair, Inc.
181-050-1250C GLENAIR-181-050-1250C Datasheet
202Kb / 1P
   Hermaphroditic Connectors
logo
TE Connectivity Ltd
1-1773721-3 TEC-1-1773721-3 Datasheet
1Mb / 1P
   0.5MM FINE PITCH HERMAPHRODITIC (FPH) BOARD-TOBOARD CONNECTORS
logo
Glenair, Inc.
180-137 GLENAIR-180-137 Datasheet
278Kb / 2P
   Hermaphroditic Plug Connector
logo
TE Connectivity Ltd
C-2213288 TEC-C-2213288 Datasheet
347Kb / 2P
   CONNECTOR ASSEMBLY, HERMAPHRODITIC BLADE AND RECEPTACLE, WITH LATCH
logo
Glenair, Inc.
180-116-01-A-1-M-H GLENAIR-180-116-01-A-1-M-H Datasheet
359Kb / 2P
   4 Channel Hermaphroditic with Optional Dust Cover
logo
TE Connectivity Ltd
C-2213614 TEC-C-2213614 Datasheet
343Kb / 2P
   CONNECTOR ASSEMBLY, HERMAPHRODITIC BLADE AND RECEPTACLE, WITH LATCH
C-2213504 TEC-C-2213504 Datasheet
321Kb / 2P
   CONNECTOR ASSEMBLY, HERMAPHRODITIC BLADE AND RECEPTACLE, WITH BOSS
C-2213616 TEC-C-2213616 Datasheet
325Kb / 2P
   CONNECTOR ASSEMBLY, HERMAPHRODITIC BLADE AND RECEPTACLE, WITH BOSS
logo
Samtec, Inc
LS2-120-01-L-D-RA1 SAMTEC-LS2-120-01-L-D-RA1 Datasheet
209Kb / 1P
   SELF MATING HERMAPHRODITIC STRIP
logo
E-SWITCH
T301202 E-SWITCH-T301202 Datasheet
123Kb / 1P
   PLATING MATERIAL: GOLD
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com