Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

6N883B-600 Fiches technique(PDF) 8 Page - Agilent(Hewlett-Packard)

No de pièce 6N883B-600
Description  Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

6N883B-600 Fiches technique(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button 6N883B-600 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 6N883B-600 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 6N883B-600 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 6N883B-600 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 6N883B-600 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 6N883B-600 Datasheet HTML 9Page - Agilent(Hewlett-Packard) 6N883B-600 Datasheet HTML 10Page - Agilent(Hewlett-Packard) 6N883B-600 Datasheet HTML 11Page - Agilent(Hewlett-Packard) 6N883B-600 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Electrical Characteristics (cont) T
A = -55°C to +125°C, unless otherwise specified
Group
A[13]
Sym-
Sub-
Parameter
bol
Test Conditions
Group
Min.
Typ.** Max. Units Fig. Note
Propagation Delay
tPHL*IF = 0.5 mA, RL = 4.7 kΩ,
9, 10, 11
30
100
µs
5, 6,
4
Time to Logic Low
VCC = 5 V
7, 8
tPHL
IF = 1.6 mA, RL = 1.5 kΩ,
9, 10, 11
5
30
4, 16
VCC =5 V
tPHL*IF = 5 mA, RL = 680Ω,
9
2
5
4, 17
10, 11
10
9, 10, 11
10
4, 16
Propagation Delay
tPLH*IF = 0.5 mA, RL = 4.7 kΩ,
9, 10, 11
17
60
µs
5, 6,
4
Time to Logic High
VCC = 5 V
7, 8
tPLH
IF = 1.6 mA, RL = 1.5 kΩ,
9, 10, 11
14
50
4, 16
VCC =5 V
tPLH*IF = 5 mA, RL = 680Ω,
9
8
20
4, 17
10, 11
30
9, 10, 11
30
4, 16
Common Mode
|CML|VCC = 5V,
|VCM| = 25 VP-P[17] 9, 10, 11
500
1000
V/
µs9
Transient Immunity
IF = 1.6 mA
4, 10
at Low Output Level
RL = 1.5kΩ
11, 14
Common Mode
|CMH|VCC = 5V,
|VCM| = 25 VP-P[17] 9, 10, 11
500
1000
V/
µs9
Transient Immunity
IF = 0 mA
4, 10
at High Output Level
RL = 1.5kΩ
11, 14
*For JEDEC registered parts.
**All typical values are at VCC =5 V, TA =25°C.
|VCM| = 50VP-P[16]
Typical Characteristics, T
A =25°C, VCC =5V
Parameter
Sym.
Typ.
Units
Test Conditions
Note
Input Capacitance
CIN
60
pF
VF = 0V, f = 1 MHz
4
Input Diode Temperature
∆V
F /∆ TA
-1.8
mV/
°CI
F = 1.6 mA
4
Coefficient
Resistance (Input-Output)
RI-O
1012
VI-O = 500 V
4, 8
Capacitance (Input-Output)
CI-O
2.0
pF
f = 1MHz
4, 8
Dual and Quad Channel Product Only
Input-Input Leakage Current
II-I
0.5
nA
Relative Humidity = 45%,
9
VI-I = 500 V, t = 5 s
Resistance (Input-Input)
RI-I
1012
VI-I = 500 V
9
Capacitance (Input-Input)
CI-I
1.0
pF
f = 1 MHz
9
at Output
at Output
VCC =5 V
VCC =5V
Limits
|VCM| = 50VP-P[16]


Numéro de pièce similaire - 6N883B-600

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
6N883B HP-6N883B Datasheet
259Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
More results

Description similaire - 6N883B-600

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
6N140A-883B AVAGO-6N140A-883B Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
6N140A BOARDCOM-6N140A Datasheet
1Mb / 14P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N140A AVAGO-6N140A Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
HCPL-5731 AVAGO-HCPL-5731 Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
ACPL-570XL BOARDCOM-ACPL-570XL Datasheet
956Kb / 13P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-5730L AVAGO-ACPL-5730L Datasheet
169Kb / 11P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-520X HP-HCPL-520X Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-520X BOARDCOM-HCPL-520X Datasheet
1Mb / 15P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-520X AVAGO-HCPL-520X Datasheet
367Kb / 14P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
HCPL-2211-300E AVAGO-HCPL-2211-300E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com