Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

F1958 Fiches technique(PDF) 14 Page - Integrated Device Technology

No de pièce F1958
Description  7-Bit 0.25dB Digital Step At tenuator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

F1958 Fiches technique(HTML) 14 Page - Integrated Device Technology

Back Button F1958 Datasheet HTML 10Page - Integrated Device Technology F1958 Datasheet HTML 11Page - Integrated Device Technology F1958 Datasheet HTML 12Page - Integrated Device Technology F1958 Datasheet HTML 13Page - Integrated Device Technology F1958 Datasheet HTML 14Page - Integrated Device Technology F1958 Datasheet HTML 15Page - Integrated Device Technology F1958 Datasheet HTML 16Page - Integrated Device Technology F1958 Datasheet HTML 17Page - Integrated Device Technology F1958 Datasheet HTML 18Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
© 2018 Integrated Device Technology, Inc.
14
August 22, 2018
F1958 Datasheet
Progra m m ing
The F1958 can be programmed using either the parallel or the serial mode, which is selectable via VMODE (pin 3). The serial mode is selected
by pulling VMODE to a logic HIGH, and the parallel mode is selected by floating VMODE or setting it to logic LOW.
Se ria l M ode
F1958 Serial Mode is selected by pulling VMODE to a logic HIGH. The serial interface uses a 8-bit word with only 7 bits used. The serial word is
shifted in LSB (D0) first. When serial programming is used, all the parallel control input pins (1, 19 - 24) must be grounded.
T a ble 8 .
7 -Bit SPI Word Se que nc e
Data Bit
Symbol
D7
Not Used
D6
Attenuation 16 dB Control Bit
D5
Attenuation 8 dB Control Bit
D4
Attenuation 4 dB Control Bit
D3
Attenuation 2 dB Control Bit
D2
Attenuation 1 dB Control Bit
D1
Attenuation 0.5 dB Control Bit
D0
Attenuation 0.25 dB Control Bit
T a ble 9 .
T rut h T a ble for Se ria l Cont rol Word
D7 (MSB)
D6
D5
D4
D3
D2
D1
D0 (LSB)
Attenuation (dB)
X
0
0
0
0
0
0
0
0
X
0
0
0
0
0
0
1
0.25
X
0
0
0
0
0
1
0
0.5
X
0
0
0
0
1
0
0
1
X
0
0
0
1
0
0
0
2
X
0
0
1
0
0
0
0
4
X
0
1
0
0
0
0
0
8
X
1
0
0
0
0
0
0
16
X
1
1
1
1
1
1
1
31.75
In the Serial Mode, the F1958 is programmed via the serial port on the rising edge of Latch Enable (LE). It is required that LE be kept logic
LOW until all data bits are clocked into the shift register. The F1958 will change attenuation state after the data word is latched into the active
register. Refer to Figure 33.


Numéro de pièce similaire - F1958

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
F1958 RENESAS-F1958 Datasheet
18Mb / 27P
   7-Bit 0.25dB Digital Step Attenuator 1MHz to 6GHz
F1958EVB RENESAS-F1958EVB Datasheet
18Mb / 27P
   7-Bit 0.25dB Digital Step Attenuator 1MHz to 6GHz
F1958EVS RENESAS-F1958EVS Datasheet
18Mb / 27P
   7-Bit 0.25dB Digital Step Attenuator 1MHz to 6GHz
F1958NBGK RENESAS-F1958NBGK Datasheet
18Mb / 27P
   7-Bit 0.25dB Digital Step Attenuator 1MHz to 6GHz
F1958NBGK8 RENESAS-F1958NBGK8 Datasheet
18Mb / 27P
   7-Bit 0.25dB Digital Step Attenuator 1MHz to 6GHz
More results

Description similaire - F1958

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
F1953 IDT-F1953 Datasheet
1Mb / 20P
   6-bit Digital Step At tenuator
logo
Renesas Technology Corp
F1958 RENESAS-F1958 Datasheet
18Mb / 27P
   7-Bit 0.25dB Digital Step Attenuator 1MHz to 6GHz
logo
Peregrine Semiconductor
PE43704 PSEMI-PE43704 Datasheet
1Mb / 20P
   RF Digital Step Attenuator, 7-bit
logo
Integrated Device Techn...
IDTF1950 IDT-IDTF1950_17 Datasheet
1Mb / 18P
   7-bit 0.25 dB Digital Step Attenuator
IDTF1950 IDT-IDTF1950 Datasheet
2Mb / 17P
   7-bit 0.25 dB Digital Step Attenuator
logo
Renesas Technology Corp
F1977 RENESAS-F1977 Datasheet
10Mb / 22P
   7-Bit, 75 W, Digital Step Attenuator
logo
TriQuint Semiconductor
TQP4M9083 TRIQUINT-TQP4M9083 Datasheet
674Kb / 11P
   High Linearity 7-Bit, 31.75dB Digital Step Attenuator
logo
Integrated Device Techn...
F1956 IDT-F1956 Datasheet
7Mb / 23P
   7-Bit 0.25 dB Wideband Digital Step Attenuator
logo
Renesas Technology Corp
F1956 RENESAS-F1956 Datasheet
6Mb / 24P
   7-Bit 0.25 dB Wideband Digital Step Attenuator
logo
Spectrum Microwave, Inc...
TAD5009 SPECTRUM-TAD5009 Datasheet
89Kb / 1P
   7 Bit Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com