Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX384-C8V2 Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce BZX384-C8V2
Description  Voltage regulator diodes
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZX384-C8V2 Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button BZX384-C8V2 Datasheet HTML 3Page - NXP Semiconductors BZX384-C8V2 Datasheet HTML 4Page - NXP Semiconductors BZX384-C8V2 Datasheet HTML 5Page - NXP Semiconductors BZX384-C8V2 Datasheet HTML 6Page - NXP Semiconductors BZX384-C8V2 Datasheet HTML 7Page - NXP Semiconductors BZX384-C8V2 Datasheet HTML 8Page - NXP Semiconductors BZX384-C8V2 Datasheet HTML 9Page - NXP Semiconductors BZX384-C8V2 Datasheet HTML 10Page - NXP Semiconductors BZX384-C8V2 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
2004 Mar 22
9
Philips Semiconductors
Product specification
Voltage regulator diodes
BZX384 series
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOD323
SC-76
SOD323
99-09-13
03-12-17
Note
1. The marking bar indicates the cathode
UNIT
A
mm
0.05
1.1
0.8
0.40
0.25
0.25
0.10
1.8
1.6
1.35
1.15
2.7
2.3
0.45
0.15
A1
max
DIMENSIONS (mm are the original dimensions)
Plastic surface mounted package; 2 leads
01
(1)
2
1
2 mm
scale
bp
c
D
E
HD
Q
0.25
0.15
Lp
v
0.2
A
D
A
E
Lp
bp
detail X
A1
c
Q
HD
vA
M
X


Numéro de pièce similaire - BZX384-C8V2

FabricantNo de pièceFiches techniqueDescription
logo
General Semiconductor
BZX384-C8V2 GE-BZX384-C8V2 Datasheet
386Kb / 8P
   BZX384
logo
NXP Semiconductors
BZX384-C8V2 NXP-BZX384-C8V2 Datasheet
690Kb / 11P
   Voltage regulator diodes
2004 Mar 22
logo
Nexperia B.V. All right...
BZX384-C8V2 NEXPERIA-BZX384-C8V2 Datasheet
320Kb / 14P
   Voltage regulator diodes
Rev. 4 - 1 January 2023
BZX384-C8V2-Q NEXPERIA-BZX384-C8V2-Q Datasheet
306Kb / 14P
   Voltage regulator diodes
Rev. 1 - 6 September 2021
logo
NXP Semiconductors
BZX384-C8V2.115 NXP-BZX384-C8V2.115 Datasheet
690Kb / 11P
   Voltage regulator diodes
2004 Mar 22
More results

Description similaire - BZX384-C8V2

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com