Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC16373A Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce 74LVC16373A
Description  16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC16373A Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button 74LVC16373A Datasheet HTML 7Page - NXP Semiconductors 74LVC16373A Datasheet HTML 8Page - NXP Semiconductors 74LVC16373A Datasheet HTML 9Page - NXP Semiconductors 74LVC16373A Datasheet HTML 10Page - NXP Semiconductors 74LVC16373A Datasheet HTML 11Page - NXP Semiconductors 74LVC16373A Datasheet HTML 12Page - NXP Semiconductors 74LVC16373A Datasheet HTML 13Page - NXP Semiconductors 74LVC16373A Datasheet HTML 14Page - NXP Semiconductors 74LVC16373A Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
2003 Dec 08
11
Philips Semiconductors
Product specification
16-bit D-type transparent latch with 5 V
tolerant inputs/outputs; 3-state
74LVC16373A;
74LVCH16373A
AC WAVEFORMS
handbook, halfpage
MGU772
Dn input
Qn output
tPHL
tPLH
GND
VI
VM
VM
VM
VOH
VOL
Fig.6 Input (Dn) to output (Qn) propagation delays.
VOL and VOH are the typical output voltage drop that occur with the output load.
VCC
VM
INPUT
VI
tr =tf
1.2 V
0.5
× VCC VCC
≤ 2.5 ns
2.7 V
1.5 V
2.7 V
≤ 2.5 ns
3.0 to 3.6 V
1.5 V
2.7 V
≤ 2.5 ns
handbook, halfpage
MGU773
LE input
Qn output
tPHL
tPLH
tW
VM
VM
VOH
VI
GND
VOL
VM
VM
VM
Fig.7 Latch enable input (LE) pulse width, and the latch enable input to output (Qn) propagation delays.
VOL and VOH are the typical output voltage drop that occur with the output load.
VCC
VM
INPUT
VI
tr =tf
1.2 V
0.5
× VCC VCC
≤ 2.5 ns
2.7 V
1.5 V
2.7 V
≤ 2.5 ns
3.0 to 3.6 V
1.5 V
2.7 V
≤ 2.5 ns


Numéro de pièce similaire - 74LVC16373A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC16373A PHILIPS-74LVC16373A Datasheet
83Kb / 10P
   16-bit D-type transparent latch with 5 Volt tolerant inputs/outputs 3-State
1998 Mar 17
74LVC16373A PHILIPS-74LVC16373A Datasheet
212Kb / 17P
   16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 8-6 January 2014
logo
Nexperia B.V. All right...
74LVC16373A NEXPERIA-74LVC16373A Datasheet
261Kb / 15P
   16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 10 - 1 October 2021
74LVC16373A-Q100 NEXPERIA-74LVC16373A-Q100 Datasheet
252Kb / 15P
   16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
logo
NXP Semiconductors
74LVC16373ADGG PHILIPS-74LVC16373ADGG Datasheet
83Kb / 10P
   16-bit D-type transparent latch with 5 Volt tolerant inputs/outputs 3-State
1998 Mar 17
More results

Description similaire - 74LVC16373A

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74LVC16373A-Q100 NEXPERIA-74LVC16373A-Q100 Datasheet
252Kb / 15P
   16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
74LVC16373A NEXPERIA-74LVC16373A Datasheet
261Kb / 15P
   16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 10 - 1 October 2021
logo
NXP Semiconductors
74LVC_LVCH16373A PHILIPS-74LVC_LVCH16373A_15 Datasheet
212Kb / 17P
   16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 8-6 January 2014
74LVC16373A PHILIPS-74LVC16373A Datasheet
83Kb / 10P
   16-bit D-type transparent latch with 5 Volt tolerant inputs/outputs 3-State
1998 Mar 17
74LVCH32373A PHILIPS-74LVCH32373A Datasheet
80Kb / 16P
   32-bit transparent D-type latch with 5 V tolerant inputs/outputs; 3-state
1999 Nov 24
logo
Nexperia B.V. All right...
74LVC573A-Q100 NEXPERIA-74LVC573A-Q100 Datasheet
261Kb / 16P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
74LVC373A NEXPERIA-74LVC373A Datasheet
274Kb / 15P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 5 - 27 August 2021
logo
NXP Semiconductors
74LVC573A PHILIPS-74LVC573A_15 Datasheet
161Kb / 20P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 5-19 February 2013
logo
Nexperia B.V. All right...
74LVC573A NEXPERIA-74LVC573A Datasheet
274Kb / 16P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 8 - 27 August 2021
logo
NXP Semiconductors
74LVC373A PHILIPS-74LVC373A_15 Datasheet
150Kb / 19P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 3-22 November 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com