Moteur de recherche de fiches techniques de composants électroniques |
|
ADC0834A Fiches technique(PDF) 2 Page - Texas Instruments |
|
ADC0834A Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 13 page CS Circuits To Internal 7 V 7 V V + SE Only 5-Bit Shift Register ODD\EVEN SELECT0 EN MUX Analog START SGL\DIF SELECT1 Circuits To Internals (see Note A) DI CLK CS R D CLK ADC0838 ADC0838 ADC0834 CH7 CH5 CH6 COM CH4 CH3 CH2 CH1 CH0 Comparator SARS CS R Start S CLK CLK Delay Time S R CS DO CS CS D CLK R EOC Register Shift 9-Bit R CLK First LSB Bit 1 Bits 0–7 First MSB Shot One Latch and Logic SAR R CS Bits 0–7 REF Decoder and Ladder EN Flip-Flop functional block diagram NOTE A: For the ADC0834, DI is input directly to the D input of SELECT 1; SELECT 0 is forced to a high. VCC |
Numéro de pièce similaire - ADC0834A |
|
Description similaire - ADC0834A |