Moteur de recherche de fiches techniques de composants électroniques |
|
AD5231BRU100 Fiches technique(PDF) 8 Page - Analog Devices |
|
AD5231BRU100 Fiches technique(HTML) 8 Page - Analog Devices |
8 / 14 page PRELIMINARY TECHNICAL DATA Nonvolatile Memory Digital Potentiometers AD5231/AD5232/AD5233 REV PrF 8 22 MAR '01 Information contained in this Preliminary data sheet describes a product in the early definition stage. There is no guarantee that the information contained here will become a final product in its present form. For latest information contact Walt Heinzer/Analog Devices, Santa Clara, CA. TEL(408)382-3107; FAX (408)382-2708; walt.heinzer@analog.com Table 1. AD5232 & AD5233 16-bit Serial Data Word MSB LSB AD5232 C3 C2 C1 C0 A3 A2 A1 A0 D7 D6 D5 D4 D3 D2 D1 D0 AD5233 C3 C2 C1 C0 A3 A2 A1 A0 X X D5 D4 D3 D2 D1 D0 Table 2. AD5231 24-bit Serial Data Word M S B L S B AD5231 C 3 C 2 C 1 C 0 A3 A2 A1 A0 X X X X X X D 9 D 8 D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 Command bits are identified as Cx, address bits are Ax, and data bits are Dx. Command instruction codes are defined in tables 3, 4, & 5. |
Numéro de pièce similaire - AD5231BRU100 |
|
Description similaire - AD5231BRU100 |