Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS5A3357DCUTE4 Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce TS5A3357DCUTE4
Description  SINGLE 5-W SP3T ANALOG SWITCH 5-V/3.3-V 3:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TS5A3357DCUTE4 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TS5A3357DCUTE4 Datasheet HTML 7Page - Texas Instruments TS5A3357DCUTE4 Datasheet HTML 8Page - Texas Instruments TS5A3357DCUTE4 Datasheet HTML 9Page - Texas Instruments TS5A3357DCUTE4 Datasheet HTML 10Page - Texas Instruments TS5A3357DCUTE4 Datasheet HTML 11Page - Texas Instruments TS5A3357DCUTE4 Datasheet HTML 12Page - Texas Instruments TS5A3357DCUTE4 Datasheet HTML 13Page - Texas Instruments TS5A3357DCUTE4 Datasheet HTML 14Page - Texas Instruments TS5A3357DCUTE4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
TS5A3357
SINGLE 5 W SP3T ANALOG SWITCH
5V/3.3V 3:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SCDS177 – OCTOBER 2004
www.ti.com
11
TYPICAL PERFORMANCE
0
20
40
60
80
100
120
140
160
VCOM (V)
V+ = 1.65 V
Figure 1. ron vs VCOM
V+ = 2.3 V
V+ = 3 V
V+ = 4.5 V
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
TA = 2.5_C
0
5
10
15
20
25
VCOM (V)
TA = 85_C
Figure 2. ron vs VCOM (V+ = 3 V)
TA = 25_C
TA = −40_C
0
0.5
1
1.5
2
2.5
3
3.5
0
2
4
6
8
10
12
14
VCOM (V)
TA = 85_C
Figure 3. ron vs VCOM (V+ = 4.5 V)
TA = 25_C
TA = −40_C
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
50
100
150
200
250
300
350
400
Temperature (
°C)
Figure 4. Leakage Current vs Temperature
(V+ = 5 V)
ICOM(ON)/INO(ON)
−40
°C25°C85°C
INO(OFF)/ICOM(OFF)
0123456
V+ (V)
Figure 5. Charge Injection Current vs V+
0
0.5
1
1.5
2
2.5
3
3.5
4
V+ = 0
0
2
4
6
8
10
12
0123456
V+ (V)
Figure 6. tON and tOFF vs V+
tON
tOFF
tr = 2.5 ns,
tf = 2.5 ns


Numéro de pièce similaire - TS5A3357DCUTE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A3357DCUT TI-TS5A3357DCUT Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
More results

Description similaire - TS5A3357DCUTE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A3357 TI-TS5A3357_15 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357-Q1 TI-TS5A3357-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357 TI-TS5A3357_10 Datasheet
846Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357-Q1 TI1-TS5A3357-Q1 Datasheet
937Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI1-TS5A3359_14 Datasheet
1Mb / 29P
[Old version datasheet]   1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI-TS5A3359_08 Datasheet
901Kb / 26P
[Old version datasheet]   1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI-TS5A3359_15 Datasheet
1Mb / 34P
[Old version datasheet]   TS5A3359 1-廓 SP3T Bidirectional Analog Switch 5-V/3.3-V Single-Channel 3:1 Multiplexer and Demultiplexer
TS5A4624 TI-TS5A4624_09 Datasheet
598Kb / 27P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI-TS5A4624_15 Datasheet
859Kb / 28P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI1-TS5A4624_14 Datasheet
901Kb / 29P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com