Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS5A3154DCTRE6 Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce TS5A3154DCTRE6
Description  0.9-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TS5A3154DCTRE6 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TS5A3154DCTRE6 Datasheet HTML 6Page - Texas Instruments TS5A3154DCTRE6 Datasheet HTML 7Page - Texas Instruments TS5A3154DCTRE6 Datasheet HTML 8Page - Texas Instruments TS5A3154DCTRE6 Datasheet HTML 9Page - Texas Instruments TS5A3154DCTRE6 Datasheet HTML 10Page - Texas Instruments TS5A3154DCTRE6 Datasheet HTML 11Page - Texas Instruments TS5A3154DCTRE6 Datasheet HTML 12Page - Texas Instruments TS5A3154DCTRE6 Datasheet HTML 13Page - Texas Instruments TS5A3154DCTRE6 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TS5A3154
0.9 W SPDT ANALOG SWITCH
5V/3.3V SINGLECHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
SCDS191 − MARCH 2005
www.ti.com
10
Electrical Characteristics for 1.8-V Supply(1)
V+ = 1.65 V to 1.95 V, TA = −40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
Analog signal
range
VCOM, VNO,
VNC
0
V+
V
Peak ON
rpeak
0
≤ (VNO or VNC) ≤ V+,
Switch ON,
25
°C
1.65 V
5.5
25
Peak ON
resistance
rpeak
0
≤ (VNO or VNC) ≤ V+,
ICOM = −2 mA,
Switch ON,
See Figure 13
Full
1.65 V
30
ON-state
ron
VNO or VNC = 1.5 V,
Switch ON,
25
°C
1.65 V
2.0
2.7
ON-state
resistance
ron
VNO or VNC = 1.5 V,
ICOM = −2 mA,
Switch ON,
See Figure 13
Full
1.65 V
3.1
ON-state
resistance match
∆ron
VNO or VNC = 0.6 V, 1.5 V,
Switch ON,
25
°C
1.65 V
0.16
0.3
resistance match
between
channels
∆ron
VNO or VNC = 0.6 V, 1.5 V,
ICOM = −2 mA,
Switch ON,
See Figure 13
Full
1.65 V
0.3
ON-state
resistance
ron(flat)
0
≤ (VNO or VNC) ≤ V+,
ICOM = −2 mA,
Switch ON,
See Figure 13
25
°C
1.65 V
3
ON-state
resistance
flatness
ron(flat)
VNO or VNC = 0.6 V, 1.5 V,
Switch ON,
25
°C
1.65 V
3
20
flatness
VNO or VNC = 0.6 V, 1.5 V,
ICOM = −2 mA,
Switch ON,
See Figure 13
Full
25
NC, NO
INO(OFF),
VNC or VNO = 0.3 V, VCOM = 1.65 V,
or
Switch OFF,
25
°C
1.95 V
−20
1.5
20
nA
NC, NO
OFF leakage
INO(OFF),
INC(OFF)
NC
NO
COM
or
VNC or VNO = 1.65 V, VCOM = 0.3 V,
Switch OFF,
See Figure 14
Full
1.95 V
−50
50
nA
OFF leakage
current
INO(PWROFF), VNC or VNO = 0 to 1.95 V,
Switch OFF,
25
°C
0 V
−1
0.1
1
A
current
INO(PWROFF),
INC(PWROFF)
VNC or VNO = 0 to 1.95 V,
VCOM = 1.95 V to 0,
Switch OFF,
See Figure 14
Full
0 V
−10
10
µA
NC, NO
ON leakage
INC(ON),
VNC or VNO = 0.3 V, VCOM = Open,
or
Switch ON,
25
°C
1.95 V
−20
1.5
20
nA
ON leakage
current
INC(ON),
INO(ON)
NC
NO
COM
or
VNC or VNO = 1.65 V, VCOM = Open,
Switch ON,
See Figure 15
Full
1.95 V
−50
50
nA
COM
ICOM(OFF)
VNC or VNO = 1.65 V, VCOM = 0.3 V,
or
Switch OFF,
25
°C
1.95 V
−20
1.5
20
nA
COM
OFF leakage
ICOM(OFF)
NC
NO
COM
or
VNC or VNO = 0.3 V, VCOM = 1.65 V,
Switch OFF,
See Figure 14
Full
1.95 V
−50
50
nA
OFF leakage
current
ICOM(PWROFF)
VNC or VNO = 1.95 V to 0,
Switch OFF,
25
°C
0 V
−1
0.06
1
A
current
ICOM(PWROFF)
VNC or VNO = 1.95 V to 0,
VCOM = 0 to 1.95 V,
Switch OFF,
See Figure 14
Full
0 V
−10
10
µA
COM
ON leakage
ICOM(ON)
VNC or VNO = Open, VCOM = 0.3 V,
or
Switch ON,
25
°C
1.95 V
−20
1.5
20
nA
ON leakage
current
ICOM(ON)
NC
NO
COM
or
VNC or VNO = Open, VCOM = 1.65 V,
Switch ON,
See Figure 15
Full
1.95 V
−50
50
nA
Digital Control Inputs (IN, EN)(2)
Input logic high
VIH
Full
1.5
5.5
V
Input logic low
VIL
Full
0
0.6
V
Input leakage
IIH, IIL
VI = 5.5 V or 0
25
°C
1.95 V
−100
25
100
nA
Input leakage
current
IIH, IIL
VI = 5.5 V or 0
Full
1.95 V
−100
100
nA
(1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(2) All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report, Implications
of Slow or Floating CMOS Inputs, literature number SCBA004.


Numéro de pièce similaire - TS5A3154DCTRE6

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A3154DCUR TI-TS5A3154DCUR Datasheet
781Kb / 26P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154DCUR TI1-TS5A3154DCUR Datasheet
963Kb / 29P
[Old version datasheet]   0.9-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154DCURE4 TI-TS5A3154DCURE4 Datasheet
781Kb / 26P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154DCURE4 TI1-TS5A3154DCURE4 Datasheet
963Kb / 29P
[Old version datasheet]   0.9-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154DCURE6 TI-TS5A3154DCURE6 Datasheet
781Kb / 26P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results

Description similaire - TS5A3154DCTRE6

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A23160 TI-TS5A23160_09 Datasheet
543Kb / 25P
[Old version datasheet]   0.9-W DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23160 TI1-TS5A23160_14 Datasheet
528Kb / 26P
[Old version datasheet]   0.9-W DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154 TI1-TS5A3154_14 Datasheet
963Kb / 29P
[Old version datasheet]   0.9-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154 TI-TS5A3154_15 Datasheet
913Kb / 28P
[Old version datasheet]   0.9-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI1-TS5A4624_14 Datasheet
901Kb / 29P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI-TS5A4624_09 Datasheet
598Kb / 27P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI-TS5A4624_15 Datasheet
859Kb / 28P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23160 TI-TS5A23160 Datasheet
276Kb / 22P
[Old version datasheet]   0.9-ohm DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI-TS5A3159A Datasheet
514Kb / 30P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160 TI-TS5A3160 Datasheet
395Kb / 24P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com