Moteur de recherche de fiches techniques de composants électroniques |
|
TS5A3154YEPR Fiches technique(PDF) 4 Page - Texas Instruments |
|
TS5A3154YEPR Fiches technique(HTML) 4 Page - Texas Instruments |
4 / 22 page TS5A3154 0.9 W SPDT ANALOG SWITCH 5V/3.3V SINGLECHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER SCDS191 − MARCH 2005 www.ti.com 4 Electrical Characteristics for 5-V Supply(1) V+ = 4.5 V to 5.5 V, TA = −40°C to 85°C (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA V+ MIN TYP MAX UNIT Analog Switch Analog signal range VCOM, VNO, VNC 0 V+ V Peak ON rpeak 0 ≤ (VNO or VNC) ≤ V+, Switch ON, 25 °C 4.5 V 0.9 1.1 Ω Peak ON resistance rpeak 0 ≤ (VNO or VNC) ≤ V+, ICOM = −100 mA, Switch ON, See Figure 13 Full 4.5 V 1.3 Ω ON-state ron VNO or VNC = 2.5 V, Switch ON, 25 °C 4.5 V 0.8 0.9 Ω ON-state resistance ron VNO or VNC = 2.5 V, ICOM = −100 mA, Switch ON, See Figure 13 Full 4.5 V 1.1 Ω ON-state resistance match ∆ron VNO or VNC = 2.5 V, Switch ON, 25 °C 4.5 V 0.05 0.1 Ω resistance match between channels ∆ron VNO or VNC = 2.5 V, ICOM = −100 mA, Switch ON, See Figure 13 Full 4.5 V 0.1 Ω 0 ≤ (VNO or VNC) ≤ V+, Switch ON, 25 °C 0.15 ON-state ron(flat) 0 ≤ (VNO or VNC) ≤ V+, ICOM = −100 mA, Switch ON, See Figure 13 Full 4.5 V Ω ON-state resistance flatness ron(flat) VNO or VNC = 1 V, 1.5 V, 2.5 V, Switch ON, 25 °C 4.5 V 0.09 0.15 Ω resistance flatness VNO or VNC = 1 V, 1.5 V, 2.5 V, ICOM = −100 mA, Switch ON, See Figure 13 Full 0.15 NC, NO INC(OFF), VNC or VNO = 1 V, VCOM = 4.5 V, or Switch OFF, 25 °C 5.5 V −20 2 20 nA NC, NO OFF leakage INC(OFF), INO(OFF) NC NO COM or VNC or VNO = 4.5 V, VCOM = 1 V, Switch OFF, See Figure 14 Full 5.5 V −150 150 nA OFF leakage current INC(PWROFF), VNC or VNO = 0 to 5.5 V, Switch OFF, 25 °C 0 V −5 0.7 5 A current INC(PWROFF), INO(PWROFF) VNC or VNO = 0 to 5.5 V, VCOM = 5.5 V to 0, Switch OFF, See Figure 14 Full 0 V −25 25 µA NC, NO ON leakage INC(ON), VNC or VNO = 1 V, VCOM = Open, or Switch ON, 25 °C 5.5 V −20 2 20 nA ON leakage current INC(ON), INO(ON) NC NO COM or VNC or VNO = 4.5 V, VCOM = Open, Switch ON, See Figure 15 Full 5.5 V −150 150 nA COM ICOM(OFF) VCOM = 1 V, VNC or VNO = 4.5 V, or Switch OFF 25 °C 5.5 V −20 2 20 nA COM OFF leakage ICOM(OFF) COM NC NO or VCOM = 4.5 V, VNC or VNO = 1 V, Switch OFF See Figure 14 Full 5.5 V −150 150 nA OFF leakage current ICOM(PWROFF) VNC or VNO = 0 to 5.5 V, Switch OFF, 25 °C 0 V −5 0.7 5 A current ICOM(PWROFF) VNC or VNO = 0 to 5.5 V, VCOM = 5.5 V to 0, Switch OFF, See Figure 14 Full 0 V −25 25 µA COM ON leakage ICOM(ON) VCOM = 1 V, VNC or VNO = Open, or Switch ON, 25 °C 5.5 V −20 2 20 nA ON leakage current ICOM(ON) COM NC NO or VCOM = 4.5 V, VNC or VNO = Open Switch ON, See Figure 15 Full 5.5 V −150 150 nA Digital Control Inputs (IN, EN)(2) Input logic high VIH Full 2.4 5.5 V Input logic low VIL Full 0 0.8 V Input leakage IIH, IIL VI = 5.5 V or 0 25 °C 5.5 V −100 25 100 nA Input leakage current IIH, IIL VI = 5.5 V or 0 Full 5.5 V −100 100 nA (1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum (2) All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. |
Numéro de pièce similaire - TS5A3154YEPR |
|
Description similaire - TS5A3154YEPR |