Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-814-W00E Fiches technique(PDF) 3 Page - Agilent(Hewlett-Packard)

No de pièce HCPL-814-W00E
Description  AC Input Phototransistor Optocoupler High Density Mounting Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-814-W00E Fiches technique(HTML) 3 Page - Agilent(Hewlett-Packard)

  HCPL-814-W00E Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-814-W00E Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-814-W00E Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-814-W00E Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-814-W00E Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-814-W00E Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
HCPL-814-300E
Solder Reflow Temperature Profile
1) One-time soldering reflow is
recommended within the
condition of temperature and
time profile shown at right.
2) When using another soldering
method such as infrared ray
lamp, the temperature may rise
partially in the mold of the
device. Keep the temperature on
the package of the device within
the condition of (1) above.
30 seconds
60 ~ 150 sec
90 sec
60 sec
60 sec
25
°C
150
°C
200
°C
250
°C
260
°C (Peak Temperature)
217
°C
Time (sec)
Absolute Maximum Ratings
Parameters
Symbol
Min.
Max.
Units
Storage Temperature
TS
–55
125
˚C
Ambient Operating Temperature
TA
–30
100
˚C
Lead Solder Temperature for 10s
Tsol
260
˚C
(1.6 mm below seating plane)
Average Forward Current
IF
±50
mA
Input Power Dissipation
PI
70
mW
Collector Current
IC
50
mA
Collector-Emitter Voltage
VCEO
35
V
Emitter-Collector Voltage
VECO
6V
Collector Power Dissipation
PC
150
mW
Total Power Dissipation
Ptot
200
mW
Isolation Voltage
Viso
5000
Vrms
(AC for 1 minute, R.H. = 40 ~ 60%)[1]
6.5
± 0.5
(0.256)
DIMENSIONS IN MILLIMETERS AND (INCHES)
4.6
± 0.5
(0.181)
2.54
± 0.25
(0.1)
3.5
± 0.5
(0.138)
7.62
± 0.3
(0.3)
0.26
(0.010)
10.16
± 0.3
(0.4)
1.2
± 0.1
(0.047)
0.35
± 0.25
(0.014)
1.0
± 0.25
(0.039)
A 814
YW W
DATE CODE *1
RANK *2
LEAD FREE
ANODE


Numéro de pièce similaire - HCPL-814-W00E

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-814 AVAGO-HCPL-814 Datasheet
216Kb / 7P
   AC Input Phototransistor Optocoupler High Density Mounting Type
More results

Description similaire - HCPL-814-W00E

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-814 AVAGO-HCPL-814 Datasheet
216Kb / 7P
   AC Input Phototransistor Optocoupler High Density Mounting Type
logo
Agilent(Hewlett-Packard...
HCPL-817 HP-HCPL-817 Datasheet
205Kb / 6P
   Phototransistor Optocoupler High Density Mounting Type
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-817-50AE AVAGO-HCPL-817-50AE Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817 AVAGO-HCPL-817 Datasheet
247Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817-00BE AVAGO-HCPL-817-00BE Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817-36BE AVAGO-HCPL-817-36BE Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817-300E AVAGO-HCPL-817-300E Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817-30AE AVAGO-HCPL-817-30AE Datasheet
164Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817-56BE AVAGO-HCPL-817-56BE Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
logo
List of Unclassifed Man...
IS354 ETC1-IS354 Datasheet
790Kb / 6P
   HIGH DENSITY MOUNTING AC INPUT, PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com