Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CD-700-LAF-GHB-XX.XXX Datasheet(Fiches technique) 2 Page - List of Unclassifed Manufacturers

Numéro de pièce CD-700-LAF-GHB-XX.XXX
Description  Complete VCXO Based Phase Lock Loop
Télécharger  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

CD-700-LAF-GHB-XX.XXX Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CD-700-LAF-GHB-XX.XXX Datenblatt HTML 1Page - List of Unclassifed Manufacturers CD-700-LAF-GHB-XX.XXX Datasheet HTML 2Page - List of Unclassifed Manufacturers CD-700-LAF-GHB-XX.XXX Datenblatt HTML 3Page - List of Unclassifed Manufacturers CD-700-LAF-GHB-XX.XXX Datenblatt HTML 4Page - List of Unclassifed Manufacturers CD-700-LAF-GHB-XX.XXX Datenblatt HTML 5Page - List of Unclassifed Manufacturers CD-700-LAF-GHB-XX.XXX Datenblatt HTML 6Page - List of Unclassifed Manufacturers CD-700-LAF-GHB-XX.XXX Datenblatt HTML 7Page - List of Unclassifed Manufacturers CD-700-LAF-GHB-XX.XXX Datenblatt HTML 8Page - List of Unclassifed Manufacturers CD-700-LAF-GHB-XX.XXX Datenblatt HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CD-700, VCXO Based PLL
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel:1-88-VECTRON-1
Website: www.vectron.com
Page 2 of 14
Rev : 06Jul05
Performance Characteristics
Table 1. Electrical Performance
Parameter
Symbol
Min
Typical
Maximum
Units
Output Frequency (ordering option)
OUT1, 5.0 V option
OUT1, 3.3 V option
1.000
1.000
77.760
77.760
MHz
MHz
Supply Voltage
1
+5.0
+3.3
VDD
4.5
2.97
5.0
3.3
5.5
3.63
V
V
Supply Current
IDD
63
mA
Output Logic Levels
Output Logic High
2
Output Logic Low
2
VOH
VOL
2.5
0.5
V
V
Output Transition Times
Rise Time
2
Fall Time
2
tR
tF
5
5
ns
ns
Input Logic Levels
Output Logic High
2
Output Logic Low
2
VIH
VIL
2.0
0.5
V
V
Loss of Signal Indication
Output Logic High
2
Output Logic Low
2
VOH
VOL
2.5
0.5
V
V
Nominal Frequency on Loss of Signal
Output 1
Output 2
±75
±75
ppm
ppm
Symmetry or Duty Cycle
3
Out 1
Out 2
RCLK
SYM1
SYM2
RCLK
40/60
45/55
40/60
%
%
%
Absolute Pull Range (ordering option)
over operating temperature, aging, and
power supply variations
APR
±50
±80
±100
ppm
Test Conditions for APR (+5.0 V option)
VC
0.5
4.5
V
Test Conditions for APR (+3.3 V option)
VC
0.3
3.0
V
Gain Transfer
Positive
Phase Detector Gain
+5V option
+3.3V option
0.53
0.35
rad/V
rad/V
Operating temperature (ordering option)
0/70 or –40/85
°C
Control Voltage Leakage Current
IVCXO
±1
uA
1. A 0.01uF and 0.1uF parallel capacitor should be located as close to pin 14 as possible (and grounded).
2. Figure 2 defines these parameters. Figure 3 illustrates the equivalent five gate TTL load and operating conditions under which
these parameters are tested and specified. Loads greater than 15 pF will adversely effect rise/fall time as well as symmetry.
3. Symmetry is defined as (ON TIME/PERIOD with Vs=1.4 V for both 5.0 V and 3.3 V operation.
Figure 2. Output Waveform
Figure 3. OUT1, OUT2, RCLK, RDATA
Test Conditions (25
±5°C)
80
%
1.4V
20
%
tF
tR
Period
On Time
+
-
+
-
IC
VC
13
.1µF
.01
µF
15pF
14
16
IDD
650
VDD
1.8k
7


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14