Moteur de recherche de fiches techniques de composants électroniques |
|
HLMP-6700 Fiches technique(PDF) 4 Page - Agilent(Hewlett-Packard) |
|
HLMP-6700 Fiches technique(HTML) 4 Page - Agilent(Hewlett-Packard) |
4 / 16 page 4 Absolute Maximum Ratings at TA = 25 °C DH AS High Standard AlGaAs Eff. High Perf. Emerald Parameter Red Red Red Orange Yellow Green Green Units DC Forward Current[1] 50 30 30 30 20 30 30 mA Peak Forward Current[2] 1000 300 90 90 60 90 90 mA DC Forward Voltage 6 6 6 6 V (Resistor Lamps Only) Reverse Voltage (IR = 100 µA) 5 5 5 5 5 5 5 V Transient Forward Current[3] 2000 500 500 500 500 500 500 mA (10 µs Pulse) Operating Temperature Range: Non-Resistor Lamps -55 to +100 -40 to +100 55 to +100 -40 to +100 -20 to +100 °C Resistor Lamps -40 to +85 -20 to +85 Storage Temperature Range -55 to +100 °C For Thru Hole Devices 260 °C for 5 seconds Wave Soldering Temperature [1.6 mm (0.063 in.) from body] For Surface Mount Devices: 260 °C for 20 seconds Reflow Soldering Temperature Notes: 1. See Figure 5 for current derating vs. ambient temperature. Derating is not applicable to resistor lamps. 2. Refer to Figure 6 showing Max. Tolerable Peak Current vs. Pulse Duration to establish pulsed operating conditions. 3. The transient peak current is the maximum non-recurring peak current the device can withstand without failure. Do not operate these lamps at this high current. |
Numéro de pièce similaire - HLMP-6700 |
|
Description similaire - HLMP-6700 |