Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

903RPFB Fiches technique(PDF) 4 Page - Maxwell Technologies

No de pièce 903RPFB
Description  High Speed Comparator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXWELL [Maxwell Technologies]
Site Internet  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

903RPFB Fiches technique(HTML) 4 Page - Maxwell Technologies

  903RPFB Datasheet HTML 1Page - Maxwell Technologies 903RPFB Datasheet HTML 2Page - Maxwell Technologies 903RPFB Datasheet HTML 3Page - Maxwell Technologies 903RPFB Datasheet HTML 4Page - Maxwell Technologies 903RPFB Datasheet HTML 5Page - Maxwell Technologies 903RPFB Datasheet HTML 6Page - Maxwell Technologies 903RPFB Datasheet HTML 7Page - Maxwell Technologies 903RPFB Datasheet HTML 8Page - Maxwell Technologies 903RPFB Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
09.12.02 REV 1
All data sheets are subject to change without notice
©2002 Maxwell TechnologiesAll
rights reserved.
High-Speed Comparator
903
Positive Analog Supply Current
I
CC
1, 2, 3
--
2.5
6
mA
Negative Analog Supply Current
I
EE
1, 2, 3
--
2
5
mA
Digital Supply Current
I
DD
1, 2, 3
--
1
2.5
mA
Power Dissipation
P
D
V
CC = VDD = +5V,
V
EE = 0V
1, 2, 3
--
18
28
mW
1. The input common-mode voltage or either input signal voltage should not be allowed to go negative by
more than 0.2V below V
EE. The upper end of the common-mode voltage range is typically VCC -0.2V, but
either or both inputs can go to a maximum of V
CC +0.2V without damage.
2. Tested for +4.75V<V
CC<+5.25V, and -5.25V<VEE<-4.75V with VDD = +5V, although permissible analog
power-supply range is +4.75V<V
CC<+10.5V for single-supply operation with VEE grounded.
TABLE 4. DC ELECTRICAL CHARACTERISTICS
(V
CC = +5V, VEE = -5V, LATCH = LOGIC HIGH, TA = TMIN TO TMAX UNLESS OTHERWISE SPECIFIED)
PARAMETER
SYMBO
L
TEST CONDITIONS
SUBGROUP
S
MIN
TYP
MAX
UNITS


Numéro de pièce similaire - 903RPFB

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
903 ETC2-903 Datasheet
202Kb / 1P
   NYLON TUBE SPACERS
903 ETC2-903 Datasheet
202Kb / 1P
   NYLON TUBE SPACERS
logo
Alpha Wire
903 ALPHAWIRE-903 Datasheet
171Kb / 3P
   M12?륚 Die Cast Passive I/O Box
logo
Amphenol Corporation
903-288P-52A AMPHENOL-903-288P-52A Datasheet
61Kb / 1P
   Plugs & Jacks
logo
List of Unclassifed Man...
903-N ETC2-903-N Datasheet
51Kb / 1P
   700 System Syringes
More results

Description similaire - 903RPFB

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LT685 LINER-LT685_1 Datasheet
99Kb / 8P
   High Speed Comparator
LT685 LINER-LT685 Datasheet
248Kb / 4P
   High Speed Comparator
LT685 LINER-LT685_15 Datasheet
104Kb / 8P
   High Speed Comparator
logo
Toshiba Semiconductor
TA8504F TOSHIBA-TA8504F Datasheet
153Kb / 4P
   HIGH SPEED COMPARATOR
TA8517F TOSHIBA-TA8517F Datasheet
146Kb / 4P
   HIGH SPEED DUAL COMPARATOR
logo
National Semiconductor ...
MDLM119-X NSC-MDLM119-X Datasheet
359Kb / 18P
   HIGH SPEED DUAL COMPARATOR
logo
Intersil Corporation
HFA-0003 INTERSIL-HFA-0003 Datasheet
149Kb / 4P
   Ultra High Speed Comparator
logo
Texas Instruments
LM319MX TI1-LM319MX Datasheet
295Kb / 13P
[Old version datasheet]   High Speed Dual Comparator
logo
Elantec Semiconductor
EL5185C ELANTEC-EL5185C Datasheet
301Kb / 11P
   4ns High-Speed Comparator
logo
National Semiconductor ...
LM760 NSC-LM760 Datasheet
197Kb / 10P
   High Speed Differential Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com