Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

4N25 Datasheet(Fiches technique) 5 Page - Infineon Technologies AG

Numéro de pièce 4N25
Description  Industry Standard Single Channel 6 Pin DIP Optocoupler
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

4N25 Datasheet(HTML) 5 Page - Infineon Technologies AG

  4N25 Datenblatt HTML 1Page - Infineon Technologies AG 4N25 Datenblatt HTML 2Page - Infineon Technologies AG 4N25 Datenblatt HTML 3Page - Infineon Technologies AG 4N25 Datenblatt HTML 4Page - Infineon Technologies AG 4N25 Datasheet HTML 5Page - Infineon Technologies AG 4N25 Datenblatt HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
 2001 Infineon Technologies Corp. • Optoelectronics Division • San Jose, CA
Phototransistor, Industry Standard
www.infineon.com/opto • 1-888-Infineon (1-888-463-4636)
2–57
March 27, 2000-00
Figure 1. Forward Voltage vs. Forward Current
Figure 2. Normalized Non-saturated and Saturated
CTR, TA=25°C vs. LED Current
Figure 3. Normalized Non-saturated and Saturated
CTR, TA=50°C vs. LED Current
100
10
1
.1
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
IF - Forward Current - mA
TA = –55°C
TA = 25°C
TA = 85°C
Normalized to:
0.0
0.5
1.0
1.5
0
1
10
100
IF - LED Current - mA
NCTR
NCTR(SAT)
CTRce(sat) Vce=0.4 V
Vce=10 V, IF=10 mA, TA=25
°C
TA=25
°C
100
10
1
.1
0.0
0.5
1.0
1.5
IF - LED Current - mA
Normalized to:
CTRce(sat) Vce=0.4 V
Vce=10 V, IF=10 mA, TA=25
°C
NCTR
NCTR(SAT)
TA=50
°C
Figure 4. Normalized Non-saturated and Saturated
CTR, TA=70°C vs. LED Current
Figure 5. Normalized Non-saturated and Saturated
CTR, TA=85°C vs. LED Current
Figure 6. Collector-emitter Current vs. Temperature
and LED Current
100
10
1
.1
0.0
0.5
1.0
1.5
IF - LED Current - mA
Normalized to:
CTRce(sat) Vce=0.4 V
Vce=10 V, IF=10 mA, TA=25
°C
NCTR
NCTR(SAT)
TA=70
°C
100
10
1
.1
0.0
0.5
1.0
1.5
IF - LED Current - mA
Normalized to:
CTRce(sat) Vce = 0.4 V
Vce=10 V, IF=10 mA, TA=25
°C
NCTR
NCTR(SAT)
TA=85
°C
60
50
40
30
20
10
0
0
5
10
15
20
25
30
35
50
°C
70
°C
85
°C
IF - LED Current - mA
25
°C


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn