Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AUC16373 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74AUC16373
Description  16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC16373 Fiches technique(HTML) 5 Page - Texas Instruments

  SN74AUC16373 Datasheet HTML 1Page - Texas Instruments SN74AUC16373 Datasheet HTML 2Page - Texas Instruments SN74AUC16373 Datasheet HTML 3Page - Texas Instruments SN74AUC16373 Datasheet HTML 4Page - Texas Instruments SN74AUC16373 Datasheet HTML 5Page - Texas Instruments SN74AUC16373 Datasheet HTML 6Page - Texas Instruments SN74AUC16373 Datasheet HTML 7Page - Texas Instruments SN74AUC16373 Datasheet HTML 8Page - Texas Instruments SN74AUC16373 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.ti.com
Operating Characteristics
SN74AUC16373
16-BIT TRANSPARENT D-TYPE LATCH
WITH 3-STATE OUTPUTS
SCES401C – JULY 2002 – REVISED JUNE 2005
T
A = 25°C
VCC = 0.8 V
VCC = 1.2 V
VCC = 1.5 V
VCC = 1.8 V
VCC = 2.5 V
TEST
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
TYP
TYP
Outputs
21
22
23
25
29
enabled
Power dissipation
Cpd
f = 10 MHz
pF
capacitance
Outputs
5
5
6
7
10
disabled
5


Numéro de pièce similaire - SN74AUC16373

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUC16374 TI-SN74AUC16374 Datasheet
299Kb / 12P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AUC16374 TI1-SN74AUC16374 Datasheet
477Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AUC16374DGGR TI-SN74AUC16374DGGR Datasheet
299Kb / 12P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AUC16374DGGR TI1-SN74AUC16374DGGR Datasheet
477Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AUC16374DGVR TI-SN74AUC16374DGVR Datasheet
299Kb / 12P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results

Description similaire - SN74AUC16373

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74LVC16373A TI-SN74LVC16373A_06 Datasheet
329Kb / 15P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16373 TI-SN74ALVCH16373_07 Datasheet
488Kb / 19P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A Datasheet
331Kb / 14P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ACT16373Q-EP TI-SN74ACT16373Q-EP Datasheet
112Kb / 7P
[Old version datasheet]   16-BIT D-TYPE TRANSPARENT LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16373 TI-SN74ALVCH16373 Datasheet
124Kb / 9P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ABT16373A-EP TI1-SN74ABT16373A-EP Datasheet
104Kb / 10P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373DGGR TI-SN74LVC16373DGGR Datasheet
484Kb / 12P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373 TI1-SN74LVC16373_14 Datasheet
487Kb / 12P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16373 PERICOM-PI74ALVCH16373 Datasheet
91Kb / 5P
   16-Bit Transparent D-Type Latch with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH162373 TI-SN74ALVCH162373 Datasheet
215Kb / 10P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com