Moteur de recherche de fiches techniques de composants électroniques |
|
HLMP-3950 Fiches technique(PDF) 1 Page - Agilent(Hewlett-Packard) |
|
HLMP-3950 Fiches technique(HTML) 1 Page - Agilent(Hewlett-Packard) |
1 / 10 page T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps Technical Data HLMP-3707, -3807, -3907 HLMP-3750, -3850, -3950, -3960 HLMP-3390, -3490, -3590 HLMP-1340, -1440, -1540 HLMP-D640 HLMP-K640 Features • Improved Brightness • Improved Color Performance • Available in Popular T-1 and T-13/4 Packages • New Sturdy Leads • IC Compatible/Low Current Capability • Reliable and Rugged • Choice of 3 Bright Colors High Efficiency Red High Brightness Yellow High Performance Green Applications • Lighted Switches • Backlighting Front Panels • Light Pipe Sources • Keyboard Indicators Description These non-diffused lamps out- perform conventional LED lamps. By utilizing new higher intensity material, we achieve superior product performance. The HLMP-3750/-3390/-1340 Series Lamps are Gallium Arsenide Phosphide on Gallium Phosphide red light emitting diodes. The HLMP-3850/ -3490/-1440 Series are Gallium Arsenide Phosphide on Gallium Phosphide yellow light emitting diodes. The HLMP-3950/-3590/- 3960/-1540/-D640/-K640 Series Lamps are Gallium Phosphide green light emitting diodes. |
Numéro de pièce similaire - HLMP-3950 |
|
Description similaire - HLMP-3950 |