Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM9102DE Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers

No de pièce DM9102DE
Description  SINGLE CHIP FAST ETHEMET NIC CONTROLLER
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

DM9102DE Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers

  DM9102DE Datasheet HTML 1Page - List of Unclassifed Manufacturers DM9102DE Datasheet HTML 2Page - List of Unclassifed Manufacturers DM9102DE Datasheet HTML 3Page - List of Unclassifed Manufacturers DM9102DE Datasheet HTML 4Page - List of Unclassifed Manufacturers DM9102DE Datasheet HTML 5Page - List of Unclassifed Manufacturers DM9102DE Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9102DE Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9102DE Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9102DE Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 70 page
background image
DM9102D
Single Chip Fast Ethernet NIC Controller
4
Preliminary datasheet
Version: DM9102D-DS-P02
Jan. 14, 2005
3. Features
Integrated Fast Ethernet MAC, Physical Layer and
transceiver in one chip.
128 pin LQFP with CMOS process.
+2.5/3.3V Power supply with +5V tolerant I/O.
Comply with PCI specification 2.2.
PCI bus master architecture.
PCI bus burst mode data transfer.
Two large independent transmission and receipt FIFO.
Up to 256K bytes Boot EPROM or Flash interface.
EEPROM 93C46 interface automatically supports node
ID load and configuration information.
Comply with IEEE 802.3u 100Base-TX and 802.3
10Base-T.
Comply with IEEE 802.3u auto-negotiation protocol for
automatic link type selection.
Support IEEE 802.3x Full Duplex Flow Control.
VLAN frame length support.
IP/TCP/UDP checksum generation and checking.
Zero copy supporting.
Comply with ACPI and PCI Bus Power Management.
Support the MII (Media Independent Interface) for an
external PHY.
Support Wake-On-LAN function and remote wake-up
(Magic packet, Link Change and Microsoft
® wake-up
frame).
Support 4 Wake-On-LAN (WOL) signals (active high
pulse, active low pulse, active high, active low.)
High performance 100Mbps clock generator and data
recovery circuit.
Digital clock recovery circuit, using advanced digital
algorithm to reduce jitter.
Adaptive equalization circuit and Baseline wandering
restoration circuit for 100Mbps receiver.
Provides Loopback mode for easy system diagnostics.
Support auto-MDI/MDIX.
Low power consumption modes:
- Power reduced mode (cable detection)
- Power down mode
- Selectable TX drivers for 1:1 or 1.25:1 transformers for
additional power reduction. (1.25:1 transformers for
Non Auto MDIX only).


Numéro de pièce similaire - DM9102DE

FabricantNo de pièceFiches techniqueDescription
logo
Davicom Semiconductor, ...
DM9102DE DAVICOM-DM9102DE Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DE DAVICOM-DM9102DE Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
More results

Description similaire - DM9102DE

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
logo
Macronix International
MX98715AEC-D MCNIX-MX98715AEC-D Datasheet
255Kb / 40P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
List of Unclassifed Man...
MX98725 ETC1-MX98725 Datasheet
177Kb / 33P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
Davicom Semiconductor, ...
DM9102HEP DAVICOM-DM9102HEP Datasheet
41Kb / 3P
   Single Chip Fast Ethernet NIC Controller
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
DM9102H DAVICOM-DM9102H Datasheet
965Kb / 77P
   Single Chip Fast Ethernet NIC Controller
logo
Macronix International
MX98715A MCNIX-MX98715A Datasheet
215Kb / 32P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER
MX98L715BEC MCNIX-MX98L715BEC Datasheet
578Kb / 50P
   3.3V SINGLE CHIP FAST ETHERNET NIC CONTROLLER
MX98715AEC-C MCNIX-MX98715AEC-C Datasheet
201Kb / 39P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER - CRYSTAL VERSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Fiches technique Télécharger

Go To PDF Page


Lien URL