Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SD0662 Fiches technique(PDF) 1 Page - Panasonic Semiconductor

No de pièce 2SD0662
Description  For High Breakdown Voltage General Amplification
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD0662 Fiches technique(HTML) 1 Page - Panasonic Semiconductor

  2SD0662 Datasheet HTML 1Page - Panasonic Semiconductor 2SD0662 Datasheet HTML 2Page - Panasonic Semiconductor 2SD0662 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Transistors
1
Publication date: November 2002
SJC00195BED
2SD0662, 2SD0662B (2SD662, 2SD662B)
Silicon NPN epitaxial planar type
For high breakdown voltage general amplification
■ Features
• High collector-emitter voltage (Base open) V
CEO
• High transition frequency f
T
• M type package allowing easy automatic and manual insertion as
well as stand-alone fixing to the printed circuit board.
■ Absolute Maximum Ratings T
a
= 25°C
■ Electrical Characteristics T
a
= 25°C ± 3°C
6.9±0.1
2.5±0.1
(1.0)
(1.5)
(0.85)
0.45±0.05
0.55±0.1
(2.5)
(2.5)
21
3
R 0.7
R 0.9
(1.5)
Unit: mm
1: Base
2: Collector
3: Emitter
M-A1 Package
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
2. *: Rank classification
Rank
P
Q
R
hFE
30 to 100
60 to 150
100 to 220
Parameter
Symbol
Rating
Unit
Collector-base voltage
2SD0662
VCBO
250
V
(Emitter open)
2SD0662B
400
Collector-emitter voltage 2SD0662
VCEO
200
V
(Base open)
2SD0662B
400
Emitter-base voltage (Collector open)
VEBO
5V
Collector current
IC
70
mA
Collector power dissipation
PC
600
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-emitter voltage
2SD0662
VCEO
IC = 100 µA, IB = 0
200
V
(Base open)
2SD0662B
400
Emitter-base voltage (Collector open)
VEBO
IE
= 10 µA, I
C
= 05
V
Collector-emitter cutoff current (Base open)
ICEO
VCE = 100 V, IB = 02
µA
Forward current transfer ratio
hFE *
VCE = 10 V, IC = 5 mA
30
220
Collector-emitter saturation voltage
VCE(sat)
IC
= 50 mA, I
B
= 5 mA
1.2
V
Transition frequency
fT
VCB = 10 V, IE = −10 mA, f = 200 MHz
50
MHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
10
pF
(Common base, input open circuited)
Note) The part numbers in the parenthesis show conventional part number.


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn