Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SB1593 Fiches technique(PDF) 1 Page - Panasonic Semiconductor

No de pièce 2SB1593
Description  For Low-Frequency Output Amplification
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SB1593 Fiches technique(HTML) 1 Page - Panasonic Semiconductor

  2SB1593 Datasheet HTML 1Page - Panasonic Semiconductor 2SB1593 Datasheet HTML 2Page - Panasonic Semiconductor 2SB1593 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Power Transistors
1
Publication date: April 2003
SJD00085BED
2SB1593
Silicon PNP epitaxial planar type
For low-frequency output amplification
■ Features
• Low collector-emitter saturation voltage V
CE(sat)
• Allowing automatic insertion with radial taping
■ Absolute Maximum Ratings T
a
= 25°C
■ Electrical Characteristics T
a
= 25°C ± 3°C
Note) Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
Unit: mm
1: Emitter
2: Collector
3: Base
MT-3-A1 Package
7.5±0.2
0.65±0.1
0.7±0.1
1.15±0.2
2.5±0.2
2.5±0.2
0.85±0.1
1.0±0.1
0.7±0.1
1.15±0.2
0.5±0.1
1
0.8 C
23
0.4±0.1
4.5±0.2
0.8 C
0.8 C
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
−29
V
Collector-emitter voltage
VCER
−29
V
(Resistor between B and E)
Collector-emitter voltage (Base open)
VCEO
−20
V
Emitter-base voltage (Collector open)
VEBO
−11
V
Collector current
IC
−3A
Peak collector current
ICP
−10
A
Collector power dissipation
PC
1.5
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 ∼ +150
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base voltage (Emiter open)
VCBO
IC
= −10 µA, I
E
= 0
−29
V
Collector-emitter voltage
VCER
IC
= −1 mA, R
BE
= 10 kΩ−29
V
(Resistor between B and E)
Collector-emitter voltage (Base open)
VCEO
IC = −1 mA, IB = 0
−20
V
Emiter-base voltage (Collector open)
VEBO
IE = −10 µA, IC = 0
−11
V
Forward current transfer ratio
hFE
VCE
= −2 V, I
C
= −2.6 A
100
450
Collector-emitter saturation voltage
VCE(sat)
IC = −2.6 A, IB = −40 mA
− 0.3
− 0.5
V
Transition frequency
fT
VCB = −10 V, IE = 50 mA, f = 200 MHz
200
MHz
Collector output capacitance
Cob
VCB = −10 V, IE = 0, f = 1 MHz
110
150
pF
(Common base, input open circuited)


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
2SB0819 For Low-Frequency Output Amplification 1  2  3  4  Panasonic Semiconductor
2SB0968 For Low-Frequency Output Amplification 1  2  3  4  Panasonic Semiconductor
2SB0976 For Low-Frequency Output Amplification 1  2  3  Panasonic Semiconductor
2SD0592A For Low-Frequency Output Amplification 1  2  3  4  Panasonic Semiconductor
2SB0779 For low-frequency output amplification 1  2  3  Panasonic Semiconductor
2SB1438 Silicon PNP epitaxial planer type For low-frequency output amplification 1  2  Panasonic Semiconductor
2SC4391 Silicon NPN epitaxial planer type For low-frequency output amplification 1  2  Panasonic Semiconductor
2SD0875 For Low-Frequency Power Amplification 1  2  3  Panasonic Semiconductor
2SD2621 Silicon NPN epitaxial planar type For low-frequency driver amplification 1  2  3  Panasonic Semiconductor
2SB1440 Silicon PNP epitaxial planer type For low-frequency output amplification 1  2  Panasonic Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn