Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SB1462J Fiches technique(PDF) 2 Page - Panasonic Semiconductor

No de pièce 2SB1462J
Description  For general amplification
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SB1462J Fiches technique(HTML) 2 Page - Panasonic Semiconductor

  2SB1462J Datasheet HTML 1Page - Panasonic Semiconductor 2SB1462J Datasheet HTML 2Page - Panasonic Semiconductor 2SB1462J Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SB1462J
2
SJC00087BED
IC  VBE
VCE(sat)  IC
hFE  IC
PC  Ta
IC  IB
IB  VBE
Cob  VCB
0
160
40
120
80
140
20
100
60
0
150
125
100
75
50
25
Ambient temperature T
a (°C)
0
−360
−300
−240
−60
−180
−120
0
−120
−100
−80
−60
−40
−20
VCE
= −10 V
Ta
= 25°C
Base current I
B (µA)
0
−1.2
−1.0
− 0.8
− 0.2
− 0.6
− 0.4
0
−1200
−1000
−800
−600
−400
−200
VCE
= −10 V
Ta
= 25°C
Base-emitter voltage V
BE (V)
0
−1.2
−1.0
− 0.8
− 0.2
− 0.6
− 0.4
0
−120
−100
−80
−60
−40
−20
VCE
= −10 V
Ta
= 75°C
−25°C
25
°C
Base-emitter voltage V
BE (V)
−1
−10
−100
−1000
− 0.001
− 0.01
− 0.1
−1
−10
IC / IB
= 10
−25°C
Ta
= 75°C
25
°C
Collector current I
C (mA)
−1
−10
−100
−1000
0
360
300
240
180
120
60
VCE
= −10 V
Ta
= 75°C
25
°C
−25°C
Collector current I
C (mA)
−1
−10
−100
0
6
5
4
3
2
1
f
= 1 MHz
IE
= 0
Ta
= 25°C
Collector-base voltage V
CB (V)


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
2SB1462L For General Amplification 1  2  Panasonic Semiconductor
XN04601 Silicon PNP epitaxial planer transistor For general amplification 1  2  3  4  5  More Panasonic Semiconductor
2SD2216L For General Amplification 1  2  Panasonic Semiconductor
XP0C301 For General Amplification 1  2  3  4  5  Panasonic Semiconductor
2SB0643 For low-frequency general amplification 1  2  3  Panasonic Semiconductor
2SC5846 For General Amplification 1  2  3  Panasonic Semiconductor
2SB0726 For general amplification 1  2  3  Panasonic Semiconductor
2SA0879 For general amplification Complementary to 2SC1573 1  2  3  4  Panasonic Semiconductor
2SD0638 For Medium-Power General Amplification 1  2  3  Panasonic Semiconductor
2SD0662 For High Breakdown Voltage General Amplification 1  2  3  Panasonic Semiconductor