Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SB0643 Fiches technique(PDF) 2 Page - Panasonic Semiconductor

No de pièce 2SB0643
Description  For low-frequency general amplification
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SB0643 Fiches technique(HTML) 2 Page - Panasonic Semiconductor

  2SB0643 Datasheet HTML 1Page - Panasonic Semiconductor 2SB0643 Datasheet HTML 2Page - Panasonic Semiconductor 2SB0643 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SB0643, 2SB0644
2
SJC00046CED
VCE(sat)  IC
VBE(sat)  IC
hFE  IC
PC  Ta
IC  VCE
IC  IB
fT  IE
Cob  VCB
ICEO  Ta
0
160
40
120
80
140
20
100
60
0
800
600
200
500
700
400
100
300
Ambient temperature T
a (°C)
0
−20
−16
−4
−12
−8
0
−800
−600
−200
−500
−700
−400
−100
−300
Ta
= 25°C
IB
= −10 mA
−9 mA
−8 mA
−7 mA
−6 mA
−5 mA
−4 mA
−3 mA
−2 mA
−1 mA
Collector-emitter voltage V
CE (V)
0
−10
−8
−2
−6
−4
0
−800
−600
−200
−500
−700
−400
−100
−300
VCE
= −10 V
Ta
= 25°C
Base current I
B (mA)
− 0.01
− 0.1
−1
−10
− 0.01
− 0.1
−1
−10
−100
IC / IB
= 10
Ta
= 75°C
25
°C
−25°C
Collector current I
C (A)
− 0.01
− 0.1
−1
−10
− 0.01
− 0.1
−1
−10
−100
IC / IB
= 10
Ta
= −25°C
75
°C
25
°C
Collector current I
C (A)
− 0.01
− 0.1
−1
−10
0
600
500
400
300
200
100
VCE
= −10 V
Ta
= 75°C
25
°C
−25°C
Collector current I
C (A)
1
10
100
0
240
200
160
120
80
40
VCB
= −10 V
Ta
= 25°C
Emitter current I
E (mA)
−1
−10
−100
0
24
20
16
12
8
4
IE
= 0
f
= 1 MHz
Ta
= 25°C
Collector-base voltage V
CB (V)
0200
160
40
120
80
1
10
102
103
104
VCE
= −10 V
Ambient temperature T
a (°C)


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
2SB0819 For Low-Frequency Output Amplification 1  2  3  4  Panasonic Semiconductor
2SB1462J For general amplification 1  2  3  Panasonic Semiconductor
2SD0875 For Low-Frequency Power Amplification 1  2  3  Panasonic Semiconductor
2SD2621 Silicon NPN epitaxial planar type For low-frequency driver amplification 1  2  3  Panasonic Semiconductor
2SB1462L For General Amplification 1  2  Panasonic Semiconductor
2SD0946 For Low-Frequency Amplification 1  2  3  Panasonic Semiconductor
2SD2623 For low-frequency amplification 1  2  3  Panasonic Semiconductor
2SD0958 For Low-Frequency And Low-Noise Amplification 1  2  3  Panasonic Semiconductor
XN04601 Silicon PNP epitaxial planer transistor For general amplification 1  2  3  4  5  More Panasonic Semiconductor
2SB1593 For Low-Frequency Output Amplification 1  2  3  Panasonic Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn