Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2PA1774SM Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce 2PA1774SM
Description  PNP general purpose transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2PA1774SM Fiches technique(HTML) 6 Page - NXP Semiconductors

  2PA1774SM Datasheet HTML 1Page - NXP Semiconductors 2PA1774SM Datasheet HTML 2Page - NXP Semiconductors 2PA1774SM Datasheet HTML 3Page - NXP Semiconductors 2PA1774SM Datasheet HTML 4Page - NXP Semiconductors 2PA1774SM Datasheet HTML 5Page - NXP Semiconductors 2PA1774SM Datasheet HTML 6Page - NXP Semiconductors 2PA1774SM Datasheet HTML 7Page - NXP Semiconductors 2PA1774SM Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2004 Feb 19
6
Philips Semiconductors
Product specification
PNP general purpose transistor
2PA1774M series
PACKAGE OUTLINE
UNIT
A1
max.
A(1)
bb1
e1
eL
L1
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.50
0.46
0.20
0.12
0.55
0.47
0.03
0.62
0.55
0.35
0.65
DIMENSIONS (mm are the original dimensions)
Note
1. Including plating thickness
0.30
0.22
0.30
0.22
SOT883
SC-101
03-02-05
03-04-03
DE
1.02
0.95
L
E
2
3
1
b
b1
A1
A
D
L1
0
0.5
1 mm
scale
Leadless ultra small plastic package; 3 solder lands; body 1.0 x 0.6 x 0.5 mm
SOT883
e
e1


Numéro de pièce similaire - 2PA1774SM

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
2PA1774SM NXP-2PA1774SM Datasheet
135Kb / 8P
   PNP general purpose transistor
2004 Feb 19
logo
Nexperia B.V. All right...
2PA1774SM NEXPERIA-2PA1774SM Datasheet
325Kb / 9P
   PNP general purpose transistor
2004 Feb 19
2PA1774SM NEXPERIA-2PA1774SM Datasheet
325Kb / 9P
   PNP general purpose transistor
2004 Feb 19
logo
NXP Semiconductors
2PA1774SMB NXP-2PA1774SMB Datasheet
332Kb / 12P
   40 V, 100 mA PNP general-purpose transistors
Rev. 1-23 March 2012
logo
Nexperia B.V. All right...
2PA1774SMB NEXPERIA-2PA1774SMB Datasheet
988Kb / 12P
   40 V, 100 mA PNP general-purpose transistors
Rev. 1 - 23 March 2012
More results

Description similaire - 2PA1774SM

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PSS9015B PHILIPS-PSS9015B Datasheet
59Kb / 7P
   PNP general purpose transistor
2004 Aug 10
BC807W PHILIPS-BC807W Datasheet
61Kb / 8P
   PNP general purpose transistor
1999 May 18
2N5087 PHILIPS-2N5087 Datasheet
49Kb / 8P
   PNP general purpose transistor
1997 Jul 02
2PB710A PHILIPS-2PB710A Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 May 31
ED1602 PHILIPS-ED1602 Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 Apr 27
logo
Samsung semiconductor
MMBT4125 SAMSUNG-MMBT4125 Datasheet
30Kb / 1P
   PNP (GENERAL PURPOSE TRANSISTOR)
logo
Bruckewell Technology L...
MMBTA55-A56 BWTECH-MMBTA55-A56 Datasheet
201Kb / 3P
   PNP General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMBT3906T BILIN-MMBT3906T Datasheet
167Kb / 4P
   PNP General Purpose Transistor
MMBTA55 BILIN-MMBTA55_13 Datasheet
117Kb / 3P
   PNP General Purpose Transistor
MMST5401 BILIN-MMST5401_14 Datasheet
173Kb / 4P
   PNP General Purpose Transistor
2SA1774 BILIN-2SA1774 Datasheet
165Kb / 4P
   PNP General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com