Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2PA1774RM Datasheet(Fiches technique) 2 Page - NXP Semiconductors

Numéro de pièce 2PA1774RM
Description  PNP general purpose transistor
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2PA1774RM Datasheet(HTML) 2 Page - NXP Semiconductors

  2PA1774RM Datenblatt HTML 1Page - NXP Semiconductors 2PA1774RM Datasheet HTML 2Page - NXP Semiconductors 2PA1774RM Datenblatt HTML 3Page - NXP Semiconductors 2PA1774RM Datenblatt HTML 4Page - NXP Semiconductors 2PA1774RM Datenblatt HTML 5Page - NXP Semiconductors 2PA1774RM Datenblatt HTML 6Page - NXP Semiconductors 2PA1774RM Datenblatt HTML 7Page - NXP Semiconductors 2PA1774RM Datenblatt HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2004 Feb 19
2
Philips Semiconductors
Product specification
PNP general purpose transistor
2PA1774M series
FEATURES
• Leadless ultra small plastic package
(1 mm
× 0.6 mm × 0.5 mm)
• Board space 1.3 mm × 0.9 mm
• Power dissipation comparable to SOT23.
APPLICATIONS
• General purpose small signal DC
• Low and medium frequency AC applications
• Mobile communications, digital (still) cameras, PDAs,
PCMCIA cards.
DESCRIPTION
PNP general purpose transistor in a SOT883 leadless ultra
small plastic package.
NPN complement: 2PC4617M series.
MARKING
QUICK REFERENCE DATA
PINNING
TYPE NUMBER
MARKING CODE
2PA1774QM
PB
2PA1774RM
PA
2PA1774SM
PC
SYMBOL
PARAMETER
MAX.
UNIT
VCEO
collector-emitter voltage
−40
V
IC
collector current (DC)
−100
mA
ICM
peak collector current
−200
mA
PIN
DESCRIPTION
1
base
2
emitter
3
collector
handbook, halfpage
MAM469
2
1
3
Bottom view
2
3
1
Fig.1 Simplified outline (SOT883) and symbol.
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
2PA1774QM
leadless ultra small plastic package; 3 solder lands; body 1.0 x 0.6 x 0.5 mm
SOT883
2PA1774RM
2PA1774SM


Html Pages

1  2  3  4  5  6  7  8