Moteur de recherche de fiches techniques de composants électroniques |
|
2PA1774RM Fiches technique(PDF) 6 Page - NXP Semiconductors |
|
2PA1774RM Fiches technique(HTML) 6 Page - NXP Semiconductors |
6 / 8 page 2004 Feb 19 6 Philips Semiconductors Product specification PNP general purpose transistor 2PA1774M series PACKAGE OUTLINE UNIT A1 max. A(1) bb1 e1 eL L1 REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE IEC JEDEC JEITA mm 0.50 0.46 0.20 0.12 0.55 0.47 0.03 0.62 0.55 0.35 0.65 DIMENSIONS (mm are the original dimensions) Note 1. Including plating thickness 0.30 0.22 0.30 0.22 SOT883 SC-101 03-02-05 03-04-03 DE 1.02 0.95 L E 2 3 1 b b1 A1 A D L1 0 0.5 1 mm scale Leadless ultra small plastic package; 3 solder lands; body 1.0 x 0.6 x 0.5 mm SOT883 e e1 |
Numéro de pièce similaire - 2PA1774RM |
|
Description similaire - 2PA1774RM |