Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2PA1774M Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce 2PA1774M
Description  PNP general purpose transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2PA1774M Fiches technique(HTML) 4 Page - NXP Semiconductors

  2PA1774M Datasheet HTML 1Page - NXP Semiconductors 2PA1774M Datasheet HTML 2Page - NXP Semiconductors 2PA1774M Datasheet HTML 3Page - NXP Semiconductors 2PA1774M Datasheet HTML 4Page - NXP Semiconductors 2PA1774M Datasheet HTML 5Page - NXP Semiconductors 2PA1774M Datasheet HTML 6Page - NXP Semiconductors 2PA1774M Datasheet HTML 7Page - NXP Semiconductors 2PA1774M Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2004 Feb 19
4
Philips Semiconductors
Product specification
PNP general purpose transistor
2PA1774M series
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
Note
1. Pulse test: tp ≤ 300 µs; δ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector-base cut-off current
VCB = −30 V; IE =0
−−100
nA
VCB = −30 V; IE = 0; Tj = 150 °C
−−5
µA
IEBO
emitter-base cut-off current
VEB = −4 V; IC =0
−−100
nA
hFE
DC current gain
VCE = −6 V; IC = −1mA
2PA1774QM
120
270
2PA1774RM
180
390
2PA1774SM
270
560
VCEsat
collector-emitter saturation voltage
IC = −50 mA; IB = −5 mA; note 1
−−200
mV
Cc
collector capacitance
IE =ie = 0; VCB = −12 V; f = 1 MHz
2.2
pF
fT
transition frequency
VCE = −12 V; IC = −2 mA;
f = 100 MHz
100
MHz
handbook, halfpage
MDB663
IC (mA)
−10−1
−1
−10
−102
−103
103
hFE
102
10
(1)
(2)
(3)
Fig.2 DC current gain; typical values.
VCE = −6V.
(1) Tamb = 150 °C.
(2) Tamb =25 °C.
(3) Tamb = −55 °C.
handbook, halfpage
MDB664
VBE
(mV)
−400
−200
−600
−1000
−800
−1200
IC (mA)
−10−1
−1
−10
−102
−103
(1)
(2)
(3)
Fig.3
Base-emitter voltage as a function of
collector current; typical values.
VCE = −6V.
(1) Tamb = −55 °C.
(2) Tamb =25 °C.
(3) Tamb = 150 °C.


Html Pages

1  2  3  4  5  6  7  8 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn