Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMC4671 Fiches technique(PDF) 63 Page - TRINAMIC Motion Control GmbH & Co. KG.

No de pièce TMC4671
Description  Encoder Engine: Hall analog/digital, Encoder analog/digital
Download  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Site Internet  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC4671 Fiches technique(HTML) 63 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMC4671 Datasheet HTML 59Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4671 Datasheet HTML 60Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4671 Datasheet HTML 61Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4671 Datasheet HTML 62Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4671 Datasheet HTML 63Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4671 Datasheet HTML 64Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4671 Datasheet HTML 65Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4671 Datasheet HTML 66Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4671 Datasheet HTML 67Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 157 page
background image
TMC4671 Datasheet • IC Version V1.00 | Document Revision V1.04 • 2018-Dec-11
63 / 157
Address
Registername
Access
0x00000003
h
cfg_dsmodulator_a
Choice
Min
Max
Default
Unit
0
3
0
0: int. dsMOD
1: ext. dsMOD with MCLK input
2: ext. dsMOD with MCLK output
3: ext. dsMOD with ext. CMP
Mask
Name
Type
0x00000004
h
mclk_polarity_a
Bool
Min
Max
Default
Unit
0
1
0
0: Data is sampled on rising edge
1: Data is sampled on falling edge
Mask
Name
Type
0x00000008
h
mdat_polarity_a
Bool
Min
Max
Default
Unit
0
1
0
0: MDAT is not inverted
1: MDAT is inverted
Mask
Name
Type
0x00000010
h
sel_nclk_mclk_i_a
Bool
Min
Max
Default
Unit
0
1
0
0: MCLK is used (divided clock)
1: CLK (100 MHz) is used
Mask
Name
Type
0x000000FF00
h
blanking_a
Unsigned
Min
Max
Default
Unit
0
255
0
Mask
Name
Type
0x00030000
h
cfg_dsmodulator_b
Choice
Min
Max
Default
Unit
0
3
0
0: int. dsMOD
1: ext. dsMOD with MCLK input
©2018 TRINAMIC Motion Control GmbH & Co. KG, Hamburg, Germany
Terms of delivery and rights to technical change reserved.
Download newest version at www.trinamic.com


Numéro de pièce similaire - TMC4671

FabricantNo de pièceFiches techniqueDescription
logo
TRINAMIC Motion Control...
TMC4670 TRINAMIC-TMC4670 Datasheet
4Mb / 102P
   Field Oriented Control (FOC) w/ Servo Controller
TMC4670-BI TRINAMIC-TMC4670-BI Datasheet
4Mb / 102P
   Field Oriented Control (FOC) w/ Servo Controller
TMC4670-EVAL TRINAMIC-TMC4670-EVAL Datasheet
4Mb / 102P
   Field Oriented Control (FOC) w/ Servo Controller
More results

Description similaire - TMC4671

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXD1916R SONY-CXD1916R Datasheet
354Kb / 50P
   Digital Video Encoder
logo
NXP Semiconductors
SAF7129AH NXP-SAF7129AH Datasheet
198Kb / 56P
   Digital video encoder
2004 Mar 16
SAA7128H PHILIPS-SAA7128H Datasheet
192Kb / 56P
   Digital video encoder
2000 Mar 08
SAA7104E PHILIPS-SAA7104E Datasheet
360Kb / 70P
   Digital video encoder
2004 Mar 04
SAA7102 NXP-SAA7102_06 Datasheet
420Kb / 84P
   Digital video encoder
Rev. 04-18 January 2006
logo
Sony Corporation
CXD1910AQ SONY-CXD1910AQ Datasheet
215Kb / 28P
   Digital Video Encoder
logo
Rohm
BU9969KN ROHM-BU9969KN Datasheet
404Kb / 6P
   Digital video encoder
logo
Sony Corporation
CXD1913AQ SONY-CXD1913AQ Datasheet
405Kb / 36P
   Digital Video Encoder
logo
NXP Semiconductors
SAA7128A PHILIPS-SAA7128A Datasheet
262Kb / 55P
   Digital video encoder
2003 Dec 09
logo
Bourns Electronic Solut...
ECW1J-B24-BC0024L BOURNS-ECW1J-B24-BC0024L Datasheet
304Kb / 3P
   Digital Contacting Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com