Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N5089 Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce 2N5089
Description  Amplifier Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5089 Fiches technique(HTML) 4 Page - ON Semiconductor

  2N5089 Datasheet HTML 1Page - ON Semiconductor 2N5089 Datasheet HTML 2Page - ON Semiconductor 2N5089 Datasheet HTML 3Page - ON Semiconductor 2N5089 Datasheet HTML 4Page - ON Semiconductor 2N5089 Datasheet HTML 5Page - ON Semiconductor 2N5089 Datasheet HTML 6Page - ON Semiconductor 2N5089 Datasheet HTML 7Page - ON Semiconductor 2N5089 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2N5088 2N5089
http://onsemi.com
4
Figure 8. DC Current Gain
IC, COLLECTOR CURRENT (mA)
0.4
1.0
2.0
3.0
4.0
0.3
0.01
0.05
2.0
3.0
10
0.02
0.03
0.2
1.0
0.1
5.0
VCE = 5.0 V
TA = 125°C
25°C
-55°C
0.7
0.5
0.5
0.2
0.3
0.01 0.02 0.05 0.1 0.2 0.5 1.0 2.0 5.0 10 20
50 100
Figure 9. “On” Voltages
IC, COLLECTOR CURRENT (mA)
0.4
0.6
0.8
1.0
0.2
Figure 10. Temperature Coefficients
IC, COLLECTOR CURRENT (mA)
0.01
0
-0.8
-1.2
-1.6
-2.4
TJ = 25°C
VCE(sat) @ IC/IB = 10
VBE @ VCE = 5.0 V
TJ = 25°C to 125°C
-55°C to 25°C
-0.4
-2.0
0.02 0.05 0.1 0.2 0.5 1.0 2.0 5.0 10 20
50 100
8.0
0.8
1.0
2.0
3.0
4.0
6.0
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
TJ = 25°C
Ccb
Cob
Ceb
Cib
1.0
2.0
5.0
3.0
7.0 10
20
30
50 70 100
500
300
200
70
50
100
VCE = 5.0 V
TJ = 25°C
Figure 11. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
Figure 12. Current–Gain — Bandwidth Product
IC, COLLECTOR CURRENT (mA)


Numéro de pièce similaire - 2N5089

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
2N5089 ONSEMI-2N5089 Datasheet
281Kb / 6P
   Amplifier Transistor(NPN Silicon)
November, 2001 ??Rev. 1
logo
Samsung semiconductor
2N5089 SAMSUNG-2N5089 Datasheet
32Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
2N5089 FAIRCHILD-2N5089 Datasheet
98Kb / 7P
   NPN General Purpose Amplifier
logo
Micro Electronics
2N5089 MICRO-ELECTRONICS-2N5089 Datasheet
191Kb / 2P
   PNP/NPN SILICON AF LOW NOISE SMALL SIGNAL TRANSISTORS
logo
Central Semiconductor C...
2N5089 CENTRAL-2N5089 Datasheet
59Kb / 1P
   Small Signal Transistors TO-92 Case (Continued)
More results

Description similaire - 2N5089

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
   Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
BC547 ONSEMI-BC547 Datasheet
91Kb / 6P
   Amplifier Transistors
May, 2004 ??Rev. 4
logo
Motorola, Inc
BC368 MOTOROLA-BC368 Datasheet
129Kb / 4P
   Amplifier Transistors
MPS4123 MOTOROLA-MPS4123 Datasheet
71Kb / 4P
   Amplifier Transistors
MPS918 MOTOROLA-MPS918 Datasheet
81Kb / 4P
   Amplifier Transistors
logo
ON Semiconductor
BC368 ONSEMI-BC368 Datasheet
63Kb / 4P
   Amplifier Transistors
May, 2004 ??Rev. 4
MPS650 ONSEMI-MPS650 Datasheet
103Kb / 6P
   Amplifier Transistors
May, 2005 ??Rev. 2
logo
Daya Electric Group Co....
2N5550 DAYA-2N5550 Datasheet
83Kb / 6P
   Amplifier Transistors
logo
ON Semiconductor
BC546B ONSEMI-BC546B_07 Datasheet
78Kb / 6P
   Amplifier Transistors
March, 2007 ??Rev. 6
MMBT6428LT1G ONSEMI-MMBT6428LT1G Datasheet
200Kb / 5P
   Amplifier Transistors
August, 2009 ??Rev. 5
MPS8099 ONSEMI-MPS8099_08 Datasheet
128Kb / 7P
   Amplifier Transistors
December, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com