Moteur de recherche de fiches techniques de composants électroniques |
|
2N3906RLRP Fiches technique(PDF) 1 Page - ON Semiconductor |
|
2N3906RLRP Fiches technique(HTML) 1 Page - ON Semiconductor |
1 / 8 page © Semiconductor Components Industries, LLC, 2001 November, 2001 – Rev. 0 1 Publication Order Number: 2N3906/D 2N3906 Preferred Device General Purpose Transistors PNP Silicon MAXIMUM RATINGS Rating Symbol Value Unit Collector–Emitter Voltage VCEO 40 Vdc Collector–Base Voltage VCBO 40 Vdc Emitter–Base Voltage VEBO 5.0 Vdc Collector Current – Continuous IC 200 mAdc Total Device Dissipation @ TA = 25°C Derate above 25 °C PD 625 5.0 mW mW/ °C Total Power Dissipation @ TA = 60°C PD 250 mW Total Device Dissipation @ TC = 25°C Derate above 25 °C PD 1.5 12 Watts mW/ °C Operating and Storage Junction Temperature Range TJ, Tstg –55 to +150 °C THERMAL CHARACTERISTICS (Note 1.) Characteristic Symbol Max Unit Thermal Resistance, Junction to Ambient R θJA 200 °C/W Thermal Resistance, Junction to Case R θJC 83.3 °C/W 1. Indicates Data in addition to JEDEC Requirements. Device Package Shipping ORDERING INFORMATION http://onsemi.com Preferred devices are recommended choices for future use and best overall value. COLLECTOR 3 2 BASE 1 EMITTER 2N3906 TO–92 5000 Units/Box 2N3906RLRA TO–92 2000/Tape & Reel 2N3906RLRE TO–92 2000/Tape & Reel 2N3906RLRM TO–92 2000/Ammo Pack STYLE 1 2N3906RLRP TO–92 2000/Ammo Pack TO–92 CASE 29 STYLE 1 3 2 1 Y = Year WW = Work Week MARKING DIAGRAMS 2N 3906 YWW 2N3906RL1 TO–92 2000/Tape & Reel 2N3906ZL1 TO–92 2000/Ammo Pack |
Numéro de pièce similaire - 2N3906RLRP |
|
Description similaire - 2N3906RLRP |