Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LT1942 Fiches technique(PDF) 4 Page - Linear Technology

No de pièce LT1942
Description  Quad DCDC Converter for Triple Outputs TFT Supply Plus LED Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LT1942 Fiches technique(HTML) 4 Page - Linear Technology

  LT1942 Datasheet HTML 1Page - Linear Technology LT1942 Datasheet HTML 2Page - Linear Technology LT1942 Datasheet HTML 3Page - Linear Technology LT1942 Datasheet HTML 4Page - Linear Technology LT1942 Datasheet HTML 5Page - Linear Technology LT1942 Datasheet HTML 6Page - Linear Technology LT1942 Datasheet HTML 7Page - Linear Technology LT1942 Datasheet HTML 8Page - Linear Technology LT1942 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LT1942
4
1942fa
The
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.3V, VSHDN = VIN, unless otherwise noted. (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ELECTRICAL CHARACTERISTICS
PGOOD Leakage Current
PGOOD NPN Off, VPGOOD = 5V
0
0.1
µA
PGOOD Sink Current
PGOOD NPN On, VPGOOD = 1V
0.5
0.7
mA
CT Charging Current
12
µA
CT Reference Voltage
0.8
V
VOUT3 Leakage Current
Output Disconnect PNP Off, D3 = 36V, VOUT = 0V
0
1
µA
VOUT3 Source Current
Output Disconnect PNP On, D3 = 3V, VOUT = 2.5V
10
15
mA
Minimum D3/VOUT3 Operating Voltage
Minimum D3 Voltage for Proper Output
3
V
Disconnect PNP Operation
D4 LED Open-Circuit Voltage
38
42
44
V
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LT1942 is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical controls.
Note 3: Current flows out of the pin.
Note 4: Current limit guaranteed by design and/or correlation to static test.
Note 5: VCESAT 100% tested at wafer level.
TYPICAL PERFOR A CE CHARACTERISTICS
VFB1 Voltage
TEMPERATURE (
°C)
–40
1.26
1.27
1.28
20
60
1942 G01
1.25
1.24
–20
0
40
80
100
1.23
1.22
TEMPERATURE (
°C)
–40
–155
–154
–152
–151
–150
–145
–148
0
40
60
1942 G02
–153
–147
–146
–149
–20
20
80
100
TEMPERATURE (
°C)
–40
1.26
1.27
1.28
20
60
1942 G01
1.25
1.24
–20
0
40
80
100
1.23
1.22
NFB2 Voltage
VFB3 Voltage


Numéro de pièce similaire - LT1942

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LT1942 LINER-LT1942 Datasheet
263Kb / 16P
   Quad DC/DC Converter for Triple Output TFT Supply Plus LED Driver
LT1942 LINER-LT1942_15 Datasheet
263Kb / 16P
   Quad DC/DC Converter for Triple Output TFT Supply Plus LED Driver
More results

Description similaire - LT1942

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LT1942 LINER-LT1942_15 Datasheet
263Kb / 16P
   Quad DC/DC Converter for Triple Output TFT Supply Plus LED Driver
logo
Rohm
BD9428 ROHM-BD9428 Datasheet
759Kb / 29P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD9420F ROHM-BD9420F Datasheet
1Mb / 31P
   White LED Driver for large LCD Panels (DCDC Converter Type)
BD9421F ROHM-BD9421F_15 Datasheet
1Mb / 31P
   White LED Driver for large LCD Panels (DCDC Converter Type)
BD93941EFV ROHM-BD93941EFV_15 Datasheet
1Mb / 31P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD9479FV ROHM-BD9479FV Datasheet
862Kb / 29P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD9394FP ROHM-BD9394FP Datasheet
1Mb / 31P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD9421F ROHM-BD9421F Datasheet
1Mb / 30P
   White LED Driver for large LCD Panels (DCDC Converter Type)
BD9479FV ROHM-BD9479FV_15 Datasheet
1Mb / 30P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD93942F ROHM-BD93942F Datasheet
1Mb / 30P
   White LED Driver for large LCD Panels (DCDC Converter type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16