Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ZL40121 Fiches technique(PDF) 6 Page - Zarlink Semiconductor Inc

No de pièce ZL40121
Description  Low Power,Current Feedback Dual Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZARLINK [Zarlink Semiconductor Inc]
Site Internet  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL40121 Fiches technique(HTML) 6 Page - Zarlink Semiconductor Inc

Back Button ZL40121 Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL40121 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL40121 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL40121 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL40121 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL40121 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL40121 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL40121 Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL40121 Datasheet HTML 10Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ZL40121
Data Sheet
6
Zarlink Semiconductor Inc.
NOTE 1: Test Types:
(A) 100% tested at 25°C. Over temperature limits are set by characterization and simulation.
(B) Limits set by characterization or simulation.
(C) Typical value only for information.
Input Bias Current – Inverting
4.4
±14
±15
uA
A
Average Drift
--
16
nA/deg. C
C
Power Supply Rejection Ratio (+ve)
DC
65
63
62
dB
A
Power Supply Rejection Ratio (-ve)
DC
62
58
56
dB
A
Common Mode Rejection Ratio
DC
57
54
53
dB
A
Supply Current (per Channel)
Quiescent
3.3
4.5
4.7
mA
A
Miscellaneous Performance
Input Resistance (Non-inverting)
19.0
-
-
M
C
Input Capacitance (Non-inverting)
1-
-
pF
C
Common Mode Input Range
±2.3
±2.2
±1.9
V
A
Output Voltage Range
Rload=100
±2.8
±2.7
±2.6
V
A
Output Current (max)
65
-
-
mA
C
Output Resistance, Closed Loop
DC
110
-
-
m
C
Characteristic
Conditions
Typ
25C
Min/
Max
25C
Min
/Max
–40 to
+85C
Units
Test
Type1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn