Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ZL40121 Fiches technique(PDF) 4 Page - Zarlink Semiconductor Inc

No de pièce ZL40121
Description  Low Power,Current Feedback Dual Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZARLINK [Zarlink Semiconductor Inc]
Site Internet  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL40121 Fiches technique(HTML) 4 Page - Zarlink Semiconductor Inc

  ZL40121 Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL40121 Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL40121 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL40121 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL40121 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL40121 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL40121 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL40121 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL40121 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ZL40121
Data Sheet
4
Zarlink Semiconductor Inc.
Absolute Maximum Ratings
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate
conditions for which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed
specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human body model, 1.5k
Ω in series with 100pF. Machine model, 20Ωin series with 100pF.
Note 3: 0.8kV between the pairs of +INA, -INA and +INB pins only. 2kV between supply pins, OUTA or OUTB pins and any input pin.
Note 4: ±100mA applied to input and output pins to force the device to go into "latch-up". The device passes this test to JEDEC spec
17.
Note 5: Positive and Negative supply transient testing increases the supplies by 20% for 100ms.
Operating Range
Parameter
Symbol
Min
Max
Units
1
Vin Differential
VIN
±1.2
V
2
Output Short Circuit Protection
VOS/C
See Apps
Note in this
data sheet
3
Supply voltage
V+, V-
±6.5
V
4
Voltage at Input Pins
V(+IN), V(-IN)
V-
V+
V
5
Voltage at Output Pins
VO
V-
V+
V
6
EDS Protection
(HBM Human Body Model)
(see Note 2)
2
(see Note 3)
kV
7
Storage Temperature
-55
+150
°C
8
Latch-up test
±100mA
for 100ms
(see Note 4)
9
Supply transient test
20% pulse
for 100ms
(see Note 5)
Characteristic
Min
Typ
Max
Units
Comments
Supply Voltage (Vcc)
±4.0
±6.0
V
Operating Temperature (Ambient)
-40
+85
°C
Junction to Ambient resistance
Rth(j-a)
150
°C
4 layer
FR4 board
Junction to Case resistance
Rth(j-c)
60
°C
4 layer
FR4 board


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn