Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

XN04601 Fiches technique(PDF) 5 Page - Panasonic Semiconductor

No de pièce XN04601
Description  Silicon PNP epitaxial planer transistor For general amplification
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

XN04601 Fiches technique(HTML) 5 Page - Panasonic Semiconductor

  XN04601 Datasheet HTML 1Page - Panasonic Semiconductor XN04601 Datasheet HTML 2Page - Panasonic Semiconductor XN04601 Datasheet HTML 3Page - Panasonic Semiconductor XN04601 Datasheet HTML 4Page - Panasonic Semiconductor XN04601 Datasheet HTML 5Page - Panasonic Semiconductor XN04601 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Composite Transistors
XN04601
fT — IE
Cob — VCB
NF — IE
NF — IE
h Parameter — IE
h Parameter — VCE
0
0.1
0.3
40
80
120
160
140
100
60
20
1
3
10
30
100
Emitter current IE (mA)
VCB=–10V
Ta=25˚C
0
–1
– 5
–20
– 2
8
7
6
5
4
3
2
1
– 3
–50
–10
–30
–100
Collector to base voltage VCB (V)
f=1MHz
IE=0
Ta=25˚C
0
0.01
0.03
6
5
4
3
2
1
0.1
0.3
1
3
10
Emitter current IE (mA)
VCB=–5V
f=1kHz
Rg=2k
Ta=25˚C
0
0.1
20
2
18
4
6
8
10
12
14
16
0.3
1
3
10
2
0.5
0.2
5
Emitter current IE (mA)
VCB=–5V
Rg=50k
Ta=25˚C
f=100Hz
10kHz
1kHz
1
0.1
2
3
5
10
20
30
50
100
200
300
0.3
1
3
10
2
0.5
0.2
5
Emitter current IE (mA)
VCE= – 5V
f=270Hz
Ta=25˚C
hfe
hoe (
µS)
hie (k
Ω)
hre (
×10–4)
1
0.1
2
3
5
10
20
30
50
100
200
300
0.3
1
3
10
2
0.5
0.2
5
Collector to emitter voltage VCE (V)
IE=2mA
f=270Hz
Ta=25˚C
hfe
hoe (
µS)
hie (k
Ω)
hre (
×10–4)


Html Pages

1  2  3  4  5  6 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn