Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EAIRMHA1 Fiches technique(PDF) 9 Page - Everlight Electronics Co., Ltd

No de pièce EAIRMHA1
Description  Infrared Receiver Control Receiver Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EVERLIGHT [Everlight Electronics Co., Ltd]
Site Internet  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAIRMHA1 Fiches technique(HTML) 9 Page - Everlight Electronics Co., Ltd

  EAIRMHA1 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EAIRMHA1 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EAIRMHA1 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAIRMHA1 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAIRMHA1 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAIRMHA1 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAIRMHA1 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAIRMHA1 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EAIRMHA1 Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
DATASHEET
Infrared Receiver Control Receiver Module
EAIRMHA0 & EAIRMHA1
9
Copyright © 2010, Everlight Americas Inc. Release Date : June 20, 2011. Issue No: 1 Rev.1
www.everlightamericas.com
Solder Reflow Temperature Profile
Note:
1. Reflow soldering should not be done more than two times.
2. When soldering, do not put stress on the IRM device during heating.
3. After soldering, do not warp the circuit board.
Application Restrictions
1.
Above specification may be changed without notice. Everlight Americas will reserve authority on material change
for above specification.
2.
When using this product, please observe the absolute maximum ratings and the instructions for use outlined in
these specification sheets. Everlight Americas assumes no responsibility for any damage resulting from use of
the product which does not comply with the absolute maximum ratings and the instructions included in these
specification sheets.
3.
These specification sheets include materials protected under copyright of Everlight Americas. Reproduction in
any form is prohibited without the specific consent of Everlight Americas.
1~5°C/sec
1~5°C/sec.
Pre-heating
180~200°C
120sec.Max.
60sec. Max.
Above. 220°C
260°C Max.
10sec Max.


Numéro de pièce similaire - EAIRMHA1

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
EAIRMHA2 EVERLIGHT-EAIRMHA2 Datasheet
668Kb / 10P
   Infrared Remote Control Receiver Module
EAIRMHA3 EVERLIGHT-EAIRMHA3 Datasheet
543Kb / 9P
   Infrared Receiver Module
More results

Description similaire - EAIRMHA1

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
EAIRMIA3 EVERLIGHT-EAIRMIA3 Datasheet
530Kb / 8P
   Infrared Receiver Control Receiver Module
EAIRMLA1 EVERLIGHT-EAIRMLA1 Datasheet
679Kb / 9P
   Infrared Receiver Control Receiver Module
EAIRMLA3 EVERLIGHT-EAIRMLA3 Datasheet
606Kb / 10P
   Infrared Receiver Control Receiver Module
EAIRMLA2 EVERLIGHT-EAIRMLA2 Datasheet
699Kb / 9P
   Infrared Receiver Control Receiver Module
EAIRMMA0 EVERLIGHT-EAIRMMA0 Datasheet
597Kb / 8P
   Infrared Receiver Control Receiver Module
EAIRMIA0 EVERLIGHT-EAIRMIA0 Datasheet
712Kb / 9P
   Infrared Receiver Control Receiver Module
EAIRMJA0 EVERLIGHT-EAIRMJA0 Datasheet
601Kb / 8P
   Infrared Receiver Control Receiver Module
EAIRMJA1 EVERLIGHT-EAIRMJA1 Datasheet
531Kb / 8P
   Infrared Receiver Control Receiver Module
EAIRMLA4 EVERLIGHT-EAIRMLA4 Datasheet
708Kb / 9P
   Infrared Receiver Control Receiver Module
EAIRMIA1 EVERLIGHT-EAIRMIA1 Datasheet
724Kb / 9P
   Infrared Receiver Control Receiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com