Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC1101A-P Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers

No de pièce MC1101A-P
Description  Advanced Brushless Motor Control Chipset
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

MC1101A-P Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers

  MC1101A-P Datasheet HTML 1Page - List of Unclassifed Manufacturers MC1101A-P Datasheet HTML 2Page - List of Unclassifed Manufacturers MC1101A-P Datasheet HTML 3Page - List of Unclassifed Manufacturers MC1101A-P Datasheet HTML 4Page - List of Unclassifed Manufacturers MC1101A-P Datasheet HTML 5Page - List of Unclassifed Manufacturers MC1101A-P Datasheet HTML 6Page - List of Unclassifed Manufacturers MC1101A-P Datasheet HTML 7Page - List of Unclassifed Manufacturers MC1101A-P Datasheet HTML 8Page - List of Unclassifed Manufacturers MC1101A-P Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 70 page
background image
4
Electrical Characteristics
Overview
The MC1231A consists of two 68 pin PLCC's both fabricated in CMOS.
The Peripheral Input/Output IC (I/O chip) is responsible for interfacing
to the host processor and to the position input encoders. The Command
Processor IC (CP chip) is responsible for all host command, trajectory,
servo, and commutation computations, as well as for outputting the
PWM and DAC signals.
The following figure shows a typical system block diagram, along with
the pin connections between the I/O chip and the CP chip.
Encoder
(1-2 axis)
Host
Processor
CP
I/O
Data4-11
I/OAddr0-3
I/OWrite
I/OCntrl0-3
ClkOut
Amplifier
(1-2 axis)
Motor
(4 axis)
Hall Sensors
(1 - 2 axis)
The CP and I/O chips function together as one integrated motion
processor. The major components connected to the chip set are the
Encoder (2, or 1 axes), (optionally) the motor Hall-sensors (2 or 1 axes),
the motor amplifier (2, or 1 axes), and the host processor.
The encoder signals are input to the I/O chip in quadrature format. Two
signals encode the position, and an optional index signal contains a
once-per-rotation locating signal.
Hall sensors may be connected to the chipset to provide phase
initialization information, although this is not required. Three Hall sensor
signals are input per axis.
The chipset's motor output signals are connected to the motor amplifier.
Two types of output are provided; PWM (pulse width modulation), and
DAC-compatible signals used with an external DAC (digital to analog
converter). Because the output signals are commutated, more than one
motor output signal will be output per axis. See Theory of Operations
section on sinusoidal motor commutation for details.
The host processor is interfaced via an 8-bit bi-directional bus and
various control signals. Host communication is coordinated by a
ready/busy signal, which indicates when communication is allowed.
Interconnections between the two chips consist of a data bus and
various control and synchronization signals. The following table
summarizes the signals that must be interconnected for the chipset to
function properly. For each listed signal the I/O chip pin on the left side
of the table is directly connected to the pin to the right.
I/O Chip Signal
Name
I/O Chip
Pin
CP Chip
Signal Name
CP Chip
Pin
CPData4
18
Data4
50
CPData5
5
Data5
49
CPData6
6
Data6
46
CPData7
7
Data7
43
CPData8
8
Data8
40
CPData9
17
Data8
39
CPData10
3
Data10
36
CPData11
1
Data11
35
CPAddr0
68
I/OAddr0
28
CPAddr1
27
I/OAddr1
9
CPAddr2
29
I/OAddr2
6
CPAddr3
12
I/OAddr3
5
CPCntr0
20
I/OCntr0
16
CPCntr1
36
I/OCntr1
18
CPCntr2
22
I/OCntr2
68
CPCntr3
63
I/OCntr3
67
CPWrite
2
I/OWrite
15
CPClk
46
ClkOut
19
For a complete description of all pins see the 'Pin Descriptions'
section of this manual.
Absolute Maximum Ratings
Unless otherwise stated, all electrical specifications are for both
the I/O and CP chips.
Storage Temperature, Ts.....................-55 deg. C to +150 deg. C
Supply Voltage, Vcc.............................-0.3 V to +7.0 V
Power Dissipation, Pd..........................650 mW (I/O and CP
combined)
Operating Ratings
Operating Temperature, Ta .................0 deg. C to +70 deg. C
Nominal Clock Frequency, Fclk ...........25.0 Mhz
Supply Voltage, Vcc.............................4.75 V to 5.25 V
* Industrial and Military operating ranges also available. Contact your
PMD representative for more information.


Numéro de pièce similaire - MC1101A-P

FabricantNo de pièceFiches techniqueDescription
logo
Zhengzhou Winsen Electr...
MC112 WINSEN-MC112 Datasheet
505Kb / 7P
   Catalytic Gas Sensor
logo
LANSDALE Semiconductor ...
MC112061P LANSDALE-MC112061P Datasheet
1Mb / 9P
   Crystal Oscillator
MC112061P LANSDALE-MC112061P Datasheet
366Kb / 9P
   Crystal Oscillator
logo
ON Semiconductor
MC1121 ONSEMI-MC1121 Datasheet
102Kb / 8P
   100mA Charge Pump Voltage Converter with Shutdown
February, 2000 ??Rev. 0
MC1121DMR2 ONSEMI-MC1121DMR2 Datasheet
102Kb / 8P
   100mA Charge Pump Voltage Converter with Shutdown
February, 2000 ??Rev. 0
More results

Description similaire - MC1101A-P

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
MC1451A ETC1-MC1451A Datasheet
347Kb / 51P
   Advanced Step Motor Control Chipset
MC1141A ETC-MC1141A Datasheet
422Kb / 60P
   Advanced Microstepping Motion Control Chipset
logo
Mitsubishi Electric Sem...
M51785P MITSUBISHI-M51785P Datasheet
300Kb / 7P
   3 PHASE BRUSHLESS MOTOR CONTROL
M56733AFP MITSUBISHI-M56733AFP Datasheet
682Kb / 4P
   3-PHASE BRUSHLESS MOTOR CONTROL
logo
M.S. Kennedy Corporatio...
MSK4413 MSK-MSK4413_15 Datasheet
179Kb / 6P
   28V/160A Brushless DC motor control capability.
logo
STMicroelectronics
AN1113 STMICROELECTRONICS-AN1113 Datasheet
166Kb / 18P
   BRUSHLESS MOTOR FUZZY CONTROL BY USING ST52X301
logo
New Japan Radio
NJW4302 NJRC-NJW4302 Datasheet
209Kb / 18P
   THREE-PHASE DC BRUSHLESS MOTOR CONTROL IC
logo
List of Unclassifed Man...
MC73110 ETC-MC73110 Datasheet
1Mb / 40P
   Advanced 3-Phase Motor Control IC
DF45S024050-A2 ETC-DF45S024050-A2 Datasheet
140Kb / 1P
   Brushless Motor
logo
Zilog, Inc.
AN031102-0311 ZILOG-AN031102-0311 Datasheet
2Mb / 26P
   Sensorless Brushless DC Motor Control with the Z16FMC MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com