Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8315ARM-REEL7 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD8315ARM-REEL7
Description  50 dB GSM PA Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8315ARM-REEL7 Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD8315ARM-REEL7 Datasheet HTML 4Page - Analog Devices AD8315ARM-REEL7 Datasheet HTML 5Page - Analog Devices AD8315ARM-REEL7 Datasheet HTML 6Page - Analog Devices AD8315ARM-REEL7 Datasheet HTML 7Page - Analog Devices AD8315ARM-REEL7 Datasheet HTML 8Page - Analog Devices AD8315ARM-REEL7 Datasheet HTML 9Page - Analog Devices AD8315ARM-REEL7 Datasheet HTML 10Page - Analog Devices AD8315ARM-REEL7 Datasheet HTML 11Page - Analog Devices AD8315ARM-REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
REV. B
AD8315
–8–
AVERAGE = 16 SAMPLES
VAPC
VS
AND
VENBL
2 s PER
HORIZONTAL
DIVISION
1V PER
VERTICAL
DIVISION
200mV PER
VERTICAL
DIVISION
GND
GND
TPC 25. Power-On and -Off Response with
VSET Grounded
NC = NO CONNECT
RFIN
ENBL
VSET
VPOS
VAPC
NC
COMM
FLTR
AD8315
1
2
3
4
5
6
7
8
220pF
52.3
TEK TDS694C
SCOPE
TRIG
STANFORD DS345
PULSE
GENERATOR
PULSE OUT
TRIG
OUT
R AND S
SMT03
SIGNAL
GENERATOR
RF OUT
10MHz REF
OUTPUT
EXT TRIG
TEK P6205
FET PROBE
AD811
732
49.9
TEK P6205
FET PROBE
TPC 26. Test Setup for Power-On and -Off Response with
VSET Grounded
GND
GND
VAPC
1V PER
VERTICAL
DIVISION
500mV PER
VERTICAL
DIVISION
2 s PER
HORIZONTAL
DIVISION
VS
AVERAGE = 16 SAMPLES
TPC 27. Power-On and -Off Response with VSET and
ENBL Grounded
NC = NO CONNECT
RFIN
ENBL
VSET
VPOS
VAPC
NC
COMM
FLTR
AD8315
1
2
3
4
5
6
7
8
220pF
52.3
TEK TDS694C
SCOPE
TRIG
STANFORD DS345
PULSE
GENERATOR
PULSE OUT
TRIG
OUT
R AND S
SMT03
SIGNAL
GENERATOR
RF OUT
10MHz REF
OUTPUT
EXT TRIG
TEK P6205
FET PROBE
AD811
732
49.9
TEK P6205
FET PROBE
TPC 28. Test Setup for Power-On and -Off Response with
VSET and ENBL Grounded
GENERAL DESCRIPTION AND THEORY
The AD8315 is a wideband logarithmic amplifier (log amp)
similar in design to the AD8313 and AD8314. However, it is
strictly optimized for use in power control applications rather
than as a measurement device. Figure 1 shows the main features
in block schematic form. The output (Pin 7, VAPC) is intended
to be applied directly to the automatic power-control (APC) pin
of a power amplifier module.
Basic Theory
Logarithmic amplifiers provide a type of compression in which a
signal having a large range of amplitudes is converted to one of
smaller range. The use of the logarithmic function uniquely results
in the output representing the decibel value of the input. The
fundamental mathematical form is:
VV
V
V
OUT
SLP
IN
Z
=
log10
(1)
Here VIN is the input voltage, VZ is called the intercept (voltage)
because when VIN = VZ the argument of the logarithm is unity
and thus the result is zero, and VSLP is called the slope (voltage),
which is the amount by which the output changes for a certain
change in the ratio (VIN/VZ). When BASE-10 logarithms are used,
denoted by the function log10, VSLP represents the “volts/decade,”
and since a decade corresponds to 20 dB, VSLP/20 represents the
“volts/dB.” For the AD8315, a nominal (low frequency) slope
of 24 mV/dB was chosen, and the intercept VZ was placed at the
equivalent of –70 dBV for a sine wave input (316
mV rms). This
corresponds to a power level of –57 dBm when the net resistive
part of the input impedance of the log amp is 50
W. However,
both the slope and the intercept are dependent on frequency (see
TPC 13 and TPC 16).
Keeping in mind that log amps do not respond to power but
only to voltages and that the calibration of the intercept is
waveform dependent and is only quoted for a sine wave signal,
the equivalent power response can be written as:
VV
P
P
OUT
DB
IN
Z
=
(–
)
(2)
where the input power PIN and the equivalent intercept PZ are
both expressed in dBm (thus, the quantity in parentheses is
simply a number of decibels), and VDB is the slope expressed as
so many mV/dB. For a log amp having a slope VDB of 24 mV/dB
and an intercept at –57 dBm, the output voltage for an input
power of –30 dBm is 0.024 [–30 – (–57)] = 0.648 V.
Further details about the structure and function of log amps can
be found in data sheets for other log amps produced by Analog
Devices. Refer to data sheets for the AD640 and AD8307, both
of which include a detailed discussion of the basic principles of
operation and explain why the intercept depends on waveform,
an important consideration when complex modulation is
imposed on an RF carrier.


Numéro de pièce similaire - AD8315ARM-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8315ARM-REEL7 AD-AD8315ARM-REEL7 Datasheet
552Kb / 24P
   50 dB GSM PA Controller
REV. C
More results

Description similaire - AD8315ARM-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8315 AD-AD8315_16 Datasheet
447Kb / 22P
   50 dB GSM PA Controller
AD8311 AD-AD8311 Datasheet
734Kb / 24P
   50 dB GSM PA Controller
REV. 0
AD8311 AD-AD8311_15 Datasheet
505Kb / 24P
   50 dB GSM PA Controller
REV. A
AD8315 AD-AD8315_06 Datasheet
552Kb / 24P
   50 dB GSM PA Controller
REV. C
AD8315 AD-AD8315_15 Datasheet
553Kb / 24P
   50 dB GSM PA Controller
REV. C
AD8316 AD-AD8316 Datasheet
497Kb / 20P
   Dual Output GSM PA Controller
REV. C
logo
Radiometrix Ltd
GTC01 RADIOMETRIX-GTC01 Datasheet
401Kb / 11P
   GSM Telemetry Controller
logo
Fairchild Semiconductor
RMPA1852 FAIRCHILD-RMPA1852 Datasheet
464Kb / 11P
   Quad-Band GSM/EDGE PA Module
logo
Skyworks Solutions Inc.
SKY77340 SKYWORKS-SKY77340 Datasheet
537Kb / 27P
   PA Module for Quad-Band GSM / EDGE
SKY77344 SKYWORKS-SKY77344 Datasheet
71Kb / 2P
   PA Module for Quad-Band GSM / EDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com