Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NSPW315BS Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers

No de pièce NSPW315BS
Description  SPECIFICATIONS FOR NICHIA WHITE LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

NSPW315BS Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers

  NSPW315BS Datasheet HTML 1Page - List of Unclassifed Manufacturers NSPW315BS Datasheet HTML 2Page - List of Unclassifed Manufacturers NSPW315BS Datasheet HTML 3Page - List of Unclassifed Manufacturers NSPW315BS Datasheet HTML 4Page - List of Unclassifed Manufacturers NSPW315BS Datasheet HTML 5Page - List of Unclassifed Manufacturers NSPW315BS Datasheet HTML 6Page - List of Unclassifed Manufacturers NSPW315BS Datasheet HTML 7Page - List of Unclassifed Manufacturers NSPW315BS Datasheet HTML 8Page - List of Unclassifed Manufacturers NSPW315BS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
-3-
Nichia STSE-CW2163A
<Cat.No.020826>
6.RELIABILITY
(1) TEST ITEMS AND RESULTS
Test Item
Standard
Test Method
Test Conditions
Note
Number of
Damaged
Resistance to
Soldering Heat
JEITA ED-4701
300 302
Tsld=260 ± 5°C, 10sec.
3mm from the base of the epoxy bulb
1 time
0/100
Solderability
JEITA ED-4701
300 303
Tsld=235 ± 5°C,
5sec.
(using flux)
1 time
over 95%
0/100
Thermal Shock
JEITA ED-4701
300 307
0°C ~ 100°C
15sec. 15sec.
100 cycles
0/100
Temperature Cycle
JEITA ED-4701
100 105
-40°C ~ 25°C ~ 100°C ~ 25°C
30min. 5min. 30min. 5min.
100 cycles
0/100
Moisture Resistance Cyclic
JEITA ED-4701
200 203
25°C ~ 65°C ~ -10°C
90%RH 24hrs./1cycle
10 cycles
0/100
Terminal Strength
(bending test)
JEITA ED-4701
400 401
Load 5N (0.5kgf)
0° ~ 90° ~ 0° bend 2 times
Nonoticeable
damage
0/100
Terminal Strength
(pull test)
JEITA ED-4701
400 401
Load 10N (1kgf)
10 ± 1 sec.
Nonoticeable
damage
0/100
High Temperature Storage
JEITA ED-4701
200 201
Ta=100°C
1000hrs.
0/100
Temperature Humidity
Storage
JEITA ED-4701
100 103
Ta=60°C, RH=90%
1000hrs.
0/100
Low Temperature Storage
JEITA ED-4701
200 202
Ta=-40°C
1000hrs.
0/100
Steady State Operating Life
Ta=25°C, IF=30mA
1000hrs.
0/100
Steady State Operating Life
of High Humidity Heat
60°C, RH=90%, IF=20mA
500hrs.
0/100
Steady State Operating Life
of Low Temperature
Ta=-30°C, IF=20mA
1000hrs.
0/100
(2) CRITERIA FOR JUDGING THE DAMAGE
Criteria for Judgement
Item
Symbol
Test Conditions
Min.
Max.
Forward Voltage
VF
IF=20mA
-
U.S.L.*)$ 1.1
Reverse Current
IR
VR=5V
-
U.S.L.*)$ 2.0
Luminous Intensity
IV
IF=20mA
L.S.L.**)$ 0.7
-
*) U.S.L. : Upper Standard Level
**) L.S.L. : Lower Standard Level


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
NSPWF50BS SPECIFICATIONS FOR NICHIA WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPL500S SPECIFICATIONS FOR NICHIA WARM WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPW515B SPECIFICATIONS FOR NICHIA WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NFSW036BT SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPW510BS SPECIFICATIONS FOR NICHIA WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPB310A SPECIFICATIONS FOR NICHIA BLUE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPG636AS SPECIFICATIONS FOR NICHIA GREEN LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSHU590B SPECIFICATIONS FOR NICHIA UV LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPB320 SPECIFICATIONS FOR NICHIA BLUE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPR546CS SPECIFICATIONS FOR NICHIA RED LED 1  2  3  4  5  More List of Unclassifed Manufacturers

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn