Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2781 Fiches technique(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM2781
Description  Ultra-Low Ripple Switched Capacitor Voltage Inverter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2781 Fiches technique(HTML) 1 Page - National Semiconductor (TI)

  LM2781 Datasheet HTML 1Page - National Semiconductor (TI) LM2781 Datasheet HTML 2Page - National Semiconductor (TI) LM2781 Datasheet HTML 3Page - National Semiconductor (TI) LM2781 Datasheet HTML 4Page - National Semiconductor (TI) LM2781 Datasheet HTML 5Page - National Semiconductor (TI) LM2781 Datasheet HTML 6Page - National Semiconductor (TI) LM2781 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LM2781
Ultra-Low Ripple Switched Capacitor Voltage Inverter
General Description
The LM2781 is a charge pump that inverts an input voltage
in the range of 1.8V to 5.5V to the corresponding output
voltage of -1.8V to -5.5V. With use of three or four low-cost
external ceramic capacitors, the LM2781 can provide up to
50mA of output current.
The LM2781 operates at a 210kHz typical switching fre-
quency to minimize supply current (0.7mA typ.). Two charge
pumps operate 180˚ out of phase to significantly reduce the
output voltage ripple compared to that of traditional single-
phase charge pump circuits. If larger output ripple can be
tolerated, optional capacitor C2 may be omitted to reduce
the cost and size of the solution. The LM2781 is available in
an 8-pin Micro SMD chip-scale package.
See also: LM2780, a slow clock (12kHz typ) version of this
topology with extremely low supply current.
Features
n
Inverts Input Voltage
n
Ultra-Low Voltage Ripple and 8
Ω Typical Output
Resistance with Two Flying Capacitors
n
Output Resistance of 18
Ω Using One Flying Capacitor
n
210kHz (typ.) Switching Frequency
n
8-pin micro SMD Package (1.4mm x 1.4mm x 0.5mm)
Applications
n
Cellular Phones
n
Pagers
n
PDAs
n
Op-Amp Power Supplies
n
Interface Power Supplies
n
Handheld Instruments
Typical Application Circuit
20044701
March 2003
© 2003 National Semiconductor Corporation
DS200447
www.national.com


Numéro de pièce similaire - LM2781

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2780 NSC-LM2780 Datasheet
162Kb / 7P
   Ultra-Low Ripple Switched Capacitor Voltage Inverter
LM2780TP NSC-LM2780TP Datasheet
162Kb / 7P
   Ultra-Low Ripple Switched Capacitor Voltage Inverter
LM2780TPX NSC-LM2780TPX Datasheet
162Kb / 7P
   Ultra-Low Ripple Switched Capacitor Voltage Inverter
LM2787 NSC-LM2787 Datasheet
214Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
LM2787BP NSC-LM2787BP Datasheet
214Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
More results

Description similaire - LM2781

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2780 NSC-LM2780 Datasheet
162Kb / 7P
   Ultra-Low Ripple Switched Capacitor Voltage Inverter
logo
Global Mixed-mode Techn...
G5931 GMT-G5931_15 Datasheet
63Kb / 1P
   Switched Capacitor Voltage Inverter
logo
ON Semiconductor
NCP1729 ONSEMI-NCP1729 Datasheet
165Kb / 22P
   Switched Capacitor Voltage Inverter
June, 2004 ??Rev. 3
logo
Intersil Corporation
ICL828 INTERSIL-ICL828 Datasheet
78Kb / 7P
   Switched-Capacitor Voltage Inverter
logo
ON Semiconductor
NCP1729 ONSEMI-NCP1729_16 Datasheet
176Kb / 23P
   Switched Capacitor Voltage Inverter
February, 2016 ??Rev. 6
NCP1729 ONSEMI-NCP1729_06 Datasheet
178Kb / 22P
   Switched Capacitor Voltage Inverter
March, 2006 ??Rev. 4
logo
Linear Technology
LTC1261 LINER-LTC1261 Datasheet
310Kb / 16P
   Switched Capacitor Regulated Voltage Inverter
logo
National Semiconductor ...
LM2682 NSC-LM2682 Datasheet
136Kb / 7P
   Switched Capacitor Voltage Doubling Inverter
logo
Texas Instruments
LM27761 TI1-LM27761_16 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Noise Regulated Switched-Capacitor Voltage Inverter
LM2687LDX TI1-LM2687LDX Datasheet
333Kb / 12P
[Old version datasheet]   Low Noise Regulated Switched Capacitor Voltage Inverter
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com