Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

V680 Fiches technique(PDF) 30 Page - Omron Electronics LLC

No de pièce V680
Description  RFID Systems with ISO/IEC 18000-3(15693) Compliance
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V680 Fiches technique(HTML) 30 Page - Omron Electronics LLC

Back Button V680 Datasheet HTML 26Page - Omron Electronics LLC V680 Datasheet HTML 27Page - Omron Electronics LLC V680 Datasheet HTML 28Page - Omron Electronics LLC V680 Datasheet HTML 29Page - Omron Electronics LLC V680 Datasheet HTML 30Page - Omron Electronics LLC V680 Datasheet HTML 31Page - Omron Electronics LLC V680 Datasheet HTML 32Page - Omron Electronics LLC V680 Datasheet HTML 33Page - Omron Electronics LLC V680 Datasheet HTML 34Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 59 page
background image
V680 Series
30
Characteristic Data (for Reference Only)
Communication range (for Reference Only)
(unit: mm)
ID Controller (using the V680-CA5D0
@-V2, CJ1W-V680C11/C12, or CS1W-V680-C11/C12)
1-kbyte Memory RF Tag
The values given for communications ranges are reference values. Refer to pages 16 to 18, 23 for communications distance specifications.
The communications distance will depend on the RF Tags, ambient temperature, surrounding metal, noise, and other factors. Test operation
completely when installing a system.
V680-HS52 (embedded in non-metallic material) &
V680-D1KP52MT (embedded in non-metallic material)
V680-HS52 (embedded in non-metallic material) &
V680-D1KP52MT (embedded in metallic surface: steel)
V680-HS51 (embedded in metallic material) &
V680-D1KP52MT (embedded in non-metallic material)
V680-HS51 (embedded in metallic material) &
V680-D1KP52MT (embedded in metallic surface: steel)
V680-HS63 (mounted on non-metallic material) &
V680-D1KP52MT (embedded in non-metallic material)
V680-HS51 (embedded in metallic material) &
V680-D1KP53M (embedded in non-metallic material)
V680-HS51 (embedded in metallic material) &
V680-D1KP53M (embedded in metallic surface: steel)
V680-HS52 (embedded in non-metallic material) &
V680-D1KP53M (embedded in non-metallic material)
V680-HS52 (embedded in non-metallic material) &
V680-D1KP53M (embedded in metallic surface: steel)
0
–30
–40
–20
–10
10
20
30
X
20
30
10
Y
Read
Write
X
Y
0
–30
–40
–20
–10
10
20
30
X
20
30
10
Y
Read
Write
X
Y
0
–30
–40
–20
–10
10
20
30
X
20
30
Y
10
X
Y
Read
Write
0
–30
–40
–20
–10
10
20
30
X
20
30
10
Y
Read
Write
X
Y
0
–30
–40
–20
–10
10
20
30
X
20
30
10
Y
Read
Write
X
Y
0
–30
–40
–20
–10
10
20
30
X
20
30
10
Y
Read
Write
0
–30
–40
–20
–10
10
20
30
X
20
30
10
Y
Read
Write
0
–30
–40
–20
–10
10
20
30
X
20
30
10
Y
Read
Write
0
–30
–40
–20
–10
10
20
30
X
20
30
10
Y
Read
Write


Numéro de pièce similaire - V680

FabricantNo de pièceFiches techniqueDescription
logo
Omron Electronics LLC
V680-CH1D OMRON-V680-CH1D Datasheet
1Mb / 2P
   V680 RFID Handheld Reader Writer
logo
Vatronics Technologies ...
V6801KY5PAC400 VATRONICS-V6801KY5PAC400 Datasheet
52Kb / 2P
   Safety Standard Capacitors
logo
Littelfuse
V680LA100BP LITTELFUSE-V680LA100BP Datasheet
833Kb / 13P
   Radial Lead Varistors
V680LA100BP LITTELFUSE-V680LA100BP Datasheet
1Mb / 13P
   LA Varistor Series
V680LA100BP LITTELFUSE-V680LA100BP Datasheet
1Mb / 13P
   LA Varistor Series
More results

Description similaire - V680

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
RWM600 ETC1-RWM600 Datasheet
123Kb / 1P
   ISO/IEC 15693 READER MODULE
logo
WJ Communication. Inc.
WJR7090 WJCI-WJR7090 Datasheet
348Kb / 4P
   Multi-Protocol RFID Reader Module Gen1, ISO 18000-6B and ISO 18000-6C (UHFGen2)
logo
Fujitsu Component Limit...
MB89R118 FUJITSU-MB89R118 Datasheet
401Kb / 45P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
MB89R118 FUJITSU-MB89R118_06 Datasheet
486Kb / 48P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
MB89R118C FUJITSU-MB89R118C Datasheet
249Kb / 48P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
MB89R119 FUJITSU-MB89R119 Datasheet
691Kb / 44P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
logo
STMicroelectronics
LRIS64K STMICROELECTRONICS-LRIS64K Datasheet
710Kb / 100P
   64 Kbit EEPROM tag IC at 13.56 MHz with 64-bit UID and password based on ISO/IEC 15693 and ISO/IEC 18000-3 Mode 1
logo
AMIC Technology
A9211B AMICC-A9211B Datasheet
266Kb / 15P
   ISO/IEC 14443A RFID TAG IC
A9213A AMICC-A9213A Datasheet
112Kb / 12P
   ISO/IEC 14443A RFID TAG IC
logo
Maxim Integrated Produc...
MAX66901EVKIT MAXIM-MAX66901EVKIT Datasheet
573Kb / 4P
   High-Frequency Developers Kit for ISO 14443B and ISO 15693 RFID Keys
Rev 1; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com