Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS1087XDWR28 Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce CS1087XDWR28
Description  Vacuum Fluorescent Display Tube Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS1087XDWR28 Fiches technique(HTML) 3 Page - ON Semiconductor

  CS1087XDWR28 Datasheet HTML 1Page - ON Semiconductor CS1087XDWR28 Datasheet HTML 2Page - ON Semiconductor CS1087XDWR28 Datasheet HTML 3Page - ON Semiconductor CS1087XDWR28 Datasheet HTML 4Page - ON Semiconductor CS1087XDWR28 Datasheet HTML 5Page - ON Semiconductor CS1087XDWR28 Datasheet HTML 6Page - ON Semiconductor CS1087XDWR28 Datasheet HTML 7Page - ON Semiconductor CS1087XDWR28 Datasheet HTML 8Page - ON Semiconductor CS1087XDWR28 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CS1087
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (continued) (8.0 V
≤ VBB ≤ 16.5 V, Gnd = 0 V, –40°C ≤ TJ ≤ 105°C; unless otherwise stated.
Note 4.)
Parameter
Test Conditions
Min
Typ
Max
Unit
AN24 – AN29 Outputs
IOL
Sink Current
400
µA
IOH
Source Current
20
mA
VOL
IOUT = 400 µA
0.5
V
VOH
IOUT = –20 mA, VBB = 12 V
VBB – 0.5
VBB
V
AN1 – AN23 Outputs
IOL
Sink Current
100
µA
IOH
Source Current
2.0
mA
VOL
IOUT = 100 µA
0.5
V
VOH
IOUT = –2.0 mA, VBB = 12 V
VBB – 0.5
VBB
V
DOUT Output
IOL
Sink Current
1.0
mA
IOH
Source Current
1.0
mA
VOL
IOUT = 1.0 mA
0.5
V
VOH
IOUT = –1.0 mA
3.9
5.1
V
AC Characteristics: Input and Output Timing
FC, CLK Frequency
0
1.0
MHz
TCL, CLK Low Time
200
ns
TCH, CLK High Time
200
ns
TCR, CLK Rise Time
100
ns
TCF, CLK Fall Time
100
ns
TCD, CLK Low to DOUT
Propagation Delay
200
ns
TSC, STB Low to CLK High Time
50
ns
TST, STB High Time
500
ns
TAN, STB High to Anode Output
Propagation Delay
5.0
µs
TGL, Grid Turn On Propagation Delay
VBB = 12 V
2.0
µs
TG0, Grid Turn Off Propagation Delay
VBB = 12 V
5.0
µs
TGR, Grid Rise Time
At rated load. Note 5.
0.50
2.00
µs
TGF, Grid Fall Time
At rated load. Note 5.
0.35
2.00
µs
TAR, Anode Rise Time
At rated load. Note 5.
0.40
2.00
µs
TAF, Anode Fall Time
At rated load. Note 5.
0.40
2.50
µs
4. Designed to meet these characteristics over the stated voltage and temperature ranges, though may not be 100% parametrically tested
in production.
5. Grid and anode rise/fall times are measured from 10% and 90% points. Output currents are at the maximum rated currents for the
respective stages.


Numéro de pièce similaire - CS1087XDWR28

FabricantNo de pièceFiches techniqueDescription
logo
Lumileds Lighting Compa...
CS108 LUMILEDS-CS108 Datasheet
1Mb / 3P
   Fixtures Slim Down with Low-Power LEDs
logo
Hammond Manufacturing L...
CS1084 HAMMOND-CS1084 Datasheet
115Kb / 3P
   Type 1 Mild Steel Junction Box CS Series Screw Cover and without Knockouts
CS1086 HAMMOND-CS1086 Datasheet
115Kb / 3P
   Type 1 Mild Steel Junction Box CS Series Screw Cover and without Knockouts
logo
ON Semiconductor
CS1088 ONSEMI-CS1088 Datasheet
71Kb / 8P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 9
CS1088XN40 ONSEMI-CS1088XN40 Datasheet
71Kb / 8P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 9
More results

Description similaire - CS1087XDWR28

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CS1089 ONSEMI-CS1089 Datasheet
97Kb / 12P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 9
CS1088 ONSEMI-CS1088 Datasheet
71Kb / 8P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 9
logo
LAPIS Semiconductor Co....
ML9289 LAPIS-ML9289 Datasheet
298Kb / 31P
   Vacuum fluorescent display tube controller driver
logo
List of Unclassifed Man...
ML9289-01 ETC2-ML9289-01 Datasheet
471Kb / 31P
   Vacuum fluorescent display tube controller driver
FEDL9209-01 ETC2-FEDL9209-01 Datasheet
263Kb / 29P
   Vacuum fluorescent display tube controller driver
logo
OKI electronic componet...
ML9209-XX OKI-ML9209-XX Datasheet
383Kb / 29P
   Vacuum fluorescent display tube controller driver
logo
List of Unclassifed Man...
ML9286-03 ETC2-ML9286-03 Datasheet
425Kb / 37P
   Vacuum fluorescent display tube controller driver
ML9209-01 ETC2-ML9209-01 Datasheet
437Kb / 29P
   Vacuum fluorescent display tube controller driver
ML9209-XX ETC2-ML9209-XX Datasheet
437Kb / 29P
   Vacuum fluorescent display tube controller driver
ML9289-XX ETC2-ML9289-XX Datasheet
471Kb / 31P
   Vacuum fluorescent display tube controller driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com