Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS1087XDWR28 Fiches technique(PDF) 7 Page - ON Semiconductor

No de pièce CS1087XDWR28
Description  Vacuum Fluorescent Display Tube Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS1087XDWR28 Fiches technique(HTML) 7 Page - ON Semiconductor

Back Button CS1087XDWR28 Datasheet HTML 3Page - ON Semiconductor CS1087XDWR28 Datasheet HTML 4Page - ON Semiconductor CS1087XDWR28 Datasheet HTML 5Page - ON Semiconductor CS1087XDWR28 Datasheet HTML 6Page - ON Semiconductor CS1087XDWR28 Datasheet HTML 7Page - ON Semiconductor CS1087XDWR28 Datasheet HTML 8Page - ON Semiconductor CS1087XDWR28 Datasheet HTML 9Page - ON Semiconductor CS1087XDWR28 Datasheet HTML 10Page - ON Semiconductor CS1087XDWR28 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CS1087
http://onsemi.com
7
PIN CONNECTIONS
MARKING DIAGRAMS
DIP–40
WIDE BODY
N SUFFIX
CASE 711
40
1
CS1087
AWLYYWW
40
1
PLCC–44
FN SUFFIX
CASE 777
CS1087
AWLYYWW
1
AN11
AN21
1
2
3
4
44
43
42
41
40
5
6
7 8
9 10 11 1213 14 1516 17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
AN10
AN9
AN8
AN7
NC
AN6
AN5
AN4
AN3
AN2
AN22
AN23
AN24
AN25
NC
AN26
AN27
AN28
AN29
DOUT
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
1
CS1087
AWLYYWW
28
1
28
AN25
AN9
AN26
AN6
DOUT
AN4
DIN
AN3
CLK
AN2
STB
GRID3
GREN
GRID2
VBB
GRID1
AN24
AN11
AN22
AN12
AN20
AN14
AN21
AN13
AN19
AN15
AN17
GND
SO–28L
DW SUFFIX
CASE 751F


Numéro de pièce similaire - CS1087XDWR28

FabricantNo de pièceFiches techniqueDescription
logo
Lumileds Lighting Compa...
CS108 LUMILEDS-CS108 Datasheet
1Mb / 3P
   Fixtures Slim Down with Low-Power LEDs
logo
Hammond Manufacturing L...
CS1084 HAMMOND-CS1084 Datasheet
115Kb / 3P
   Type 1 Mild Steel Junction Box CS Series Screw Cover and without Knockouts
CS1086 HAMMOND-CS1086 Datasheet
115Kb / 3P
   Type 1 Mild Steel Junction Box CS Series Screw Cover and without Knockouts
logo
ON Semiconductor
CS1088 ONSEMI-CS1088 Datasheet
71Kb / 8P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 9
CS1088XN40 ONSEMI-CS1088XN40 Datasheet
71Kb / 8P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 9
More results

Description similaire - CS1087XDWR28

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CS1089 ONSEMI-CS1089 Datasheet
97Kb / 12P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 9
CS1088 ONSEMI-CS1088 Datasheet
71Kb / 8P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 9
logo
LAPIS Semiconductor Co....
ML9289 LAPIS-ML9289 Datasheet
298Kb / 31P
   Vacuum fluorescent display tube controller driver
logo
List of Unclassifed Man...
ML9289-01 ETC2-ML9289-01 Datasheet
471Kb / 31P
   Vacuum fluorescent display tube controller driver
FEDL9209-01 ETC2-FEDL9209-01 Datasheet
263Kb / 29P
   Vacuum fluorescent display tube controller driver
logo
OKI electronic componet...
ML9209-XX OKI-ML9209-XX Datasheet
383Kb / 29P
   Vacuum fluorescent display tube controller driver
logo
List of Unclassifed Man...
ML9286-03 ETC2-ML9286-03 Datasheet
425Kb / 37P
   Vacuum fluorescent display tube controller driver
ML9209-01 ETC2-ML9209-01 Datasheet
437Kb / 29P
   Vacuum fluorescent display tube controller driver
ML9209-XX ETC2-ML9209-XX Datasheet
437Kb / 29P
   Vacuum fluorescent display tube controller driver
ML9289-XX ETC2-ML9289-XX Datasheet
471Kb / 31P
   Vacuum fluorescent display tube controller driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com