Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS1087XDW28 Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce CS1087XDW28
Description  Vacuum Fluorescent Display Tube Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS1087XDW28 Fiches technique(HTML) 1 Page - ON Semiconductor

  CS1087XDW28 Datasheet HTML 1Page - ON Semiconductor CS1087XDW28 Datasheet HTML 2Page - ON Semiconductor CS1087XDW28 Datasheet HTML 3Page - ON Semiconductor CS1087XDW28 Datasheet HTML 4Page - ON Semiconductor CS1087XDW28 Datasheet HTML 5Page - ON Semiconductor CS1087XDW28 Datasheet HTML 6Page - ON Semiconductor CS1087XDW28 Datasheet HTML 7Page - ON Semiconductor CS1087XDW28 Datasheet HTML 8Page - ON Semiconductor CS1087XDW28 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2001
August, 2001 – Rev. 11
1
Publication Order Number:
CS1087/D
CS1087
Vacuum Fluorescent
Display Tube Driver
The VFD Driver is a microprocessor interface IC that drives a
multiplexed VF (Vacuum Fluorescent) display tube. It consists of a
32–bit shift register, a 32–bit transparent data latch, a metal mask
ROM, six 20 mA anode output drivers, twenty–three 2 mA anode
output drivers, and three 50 mA grid drivers with output enables.
Features
Power On Reset
Display Dimming Possible
Three, 50 mA Grid Drivers
Anode Options – DIP–40 and PCLL–44:
6 @ 20 mA
23 @ 2 mA
Anode Options – SO–28L:
3 @ 20 mA
15 @ 2 mA
GRID1GRID2 GRID3 GND
FILAMENT
VFD
PORT
PORT
PORT
GND
VCC
PORT
VIGN
GND
5 V
12 V
µP
Regulator
VBAT
Data Out
Clock
Chip Select
SPI Functions
Anodes
GREN
STB
CLK
DIN
DOUT
CS1087
GRID3
GRID2
GRID1
0.1
µF
VBB
GND
1:29
Figure 1. Application Diagram
Device
http://onsemi.com
Package
Shipping
ORDERING INFORMATION*
DIP–40
WIDE BODY
9 Units/Rail
PLCC–44
CS1087XN40
CS1087XFN44
SO–28L
23 Units/Rail
CS1087XFNR44
500 Tape & Reel
DIP–40
WIDE BODY
N SUFFIX
CASE 711
PLCC–44
FN SUFFIX
CASE 777
See general marking information in the device marking
section on page 7 of this data sheet.
DEVICE MARKING INFORMATION
40
1
CS1087XDW28
27 Units/Rail
SO–28L
CS1087XDWR28
1000 Tape & Reel
PLCC–44
*For additional package options, consult your local
ON Semiconductor sales office.
SO–28L
DW SUFFIX
CASE 751F
1
28


Numéro de pièce similaire - CS1087XDW28

FabricantNo de pièceFiches techniqueDescription
logo
Lumileds Lighting Compa...
CS108 LUMILEDS-CS108 Datasheet
1Mb / 3P
   Fixtures Slim Down with Low-Power LEDs
logo
Hammond Manufacturing L...
CS1084 HAMMOND-CS1084 Datasheet
115Kb / 3P
   Type 1 Mild Steel Junction Box CS Series Screw Cover and without Knockouts
CS1086 HAMMOND-CS1086 Datasheet
115Kb / 3P
   Type 1 Mild Steel Junction Box CS Series Screw Cover and without Knockouts
logo
ON Semiconductor
CS1088 ONSEMI-CS1088 Datasheet
71Kb / 8P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 9
CS1088XN40 ONSEMI-CS1088XN40 Datasheet
71Kb / 8P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 9
More results

Description similaire - CS1087XDW28

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CS1089 ONSEMI-CS1089 Datasheet
97Kb / 12P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 9
CS1088 ONSEMI-CS1088 Datasheet
71Kb / 8P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 9
logo
LAPIS Semiconductor Co....
ML9289 LAPIS-ML9289 Datasheet
298Kb / 31P
   Vacuum fluorescent display tube controller driver
logo
List of Unclassifed Man...
ML9289-01 ETC2-ML9289-01 Datasheet
471Kb / 31P
   Vacuum fluorescent display tube controller driver
FEDL9209-01 ETC2-FEDL9209-01 Datasheet
263Kb / 29P
   Vacuum fluorescent display tube controller driver
logo
OKI electronic componet...
ML9209-XX OKI-ML9209-XX Datasheet
383Kb / 29P
   Vacuum fluorescent display tube controller driver
logo
List of Unclassifed Man...
ML9286-03 ETC2-ML9286-03 Datasheet
425Kb / 37P
   Vacuum fluorescent display tube controller driver
ML9209-01 ETC2-ML9209-01 Datasheet
437Kb / 29P
   Vacuum fluorescent display tube controller driver
ML9209-XX ETC2-ML9209-XX Datasheet
437Kb / 29P
   Vacuum fluorescent display tube controller driver
ML9289-XX ETC2-ML9289-XX Datasheet
471Kb / 31P
   Vacuum fluorescent display tube controller driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com