Moteur de recherche de fiches techniques de composants électroniques |
|
CS1087XDW28 Fiches technique(PDF) 5 Page - ON Semiconductor |
|
CS1087XDW28 Fiches technique(HTML) 5 Page - ON Semiconductor |
5 / 12 page CS1087 http://onsemi.com 5 AN1–AN23: 2.0 mA VREG POR GRID1 GRID2 GRID3 AN1 AN2 AN3 AN23 AN24 AN25 AN26 AN27 AN28 AN29 VBB GND GREN STB DIN CLK DOUT METAL MASK ROM Output Drive Capability Grid Outputs: 50 mA AN24–AN29: 20 mA DQ LE DQ CLK R VREG VREG VREG VREG VREG VREG Figure 2. Block Diagram DQ CLK R DQ CLK R DQ CLK R DQ CLK R DQ CLK R DQ CLK R DQ CLK R DQ CLK R DQ CLK R DQ CLK R DQ CLK R DQ CLK R DQ CLK R DQ LE DQ LE DQ LE DQ LE DQ LE DQ LE DQ LE DQ LE DQ LE DQ LE DQ LE DQ LE OPERATION DESCRIPTION Upon the initial application of power, the power on reset function will cause all of the anode and grid driver outputs to be off and all shift register outputs to be set low. Data is fed into the shift register through the DIN pin at the rising edge of the CLK input. Thirty two bits of data are capable of being stored by the shift register. Once the desired pattern is stored in the shift register, it can be transferred to the latch by setting the STB input high. The output of each latch drives its corresponding output stage. A logic high input to the shift register/latch will cause the corresponding output to turn on. A logic low input to the shift register/latch will cause the corresponding output to turn off. Please note that if the STB is held high, the outputs of the latch reflect the outputs of the corresponding shift register bits and will change if data is shifted in. The three GRID outputs are gated by the GREN input. When GREN is low, the GRID outputs are forced low regardless of the state of the corresponding latch output. When GREN is high, the GRID outputs correspond to the state of their respective latch outputs. The anode outputs, AN1 to AN29 are always enabled. The DOUT pin is the output of the last stage of the shift register to allow serial cascading of this IC with other devices. Data from the last stage of the shift register is supplied to the DOUT pin delayed by 1/2 CLK cycle. Data on the DOUT output changes with the falling edges of the CLK to prevent logic race conditions between the CLK and the DIN of the next IC in the serial chain. |
Numéro de pièce similaire - CS1087XDW28 |
|
Description similaire - CS1087XDW28 |