Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS1087XFN44 Fiches technique(PDF) 10 Page - ON Semiconductor

No de pièce CS1087XFN44
Description  Vacuum Fluorescent Display Tube Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS1087XFN44 Fiches technique(HTML) 10 Page - ON Semiconductor

Back Button CS1087XFN44 Datasheet HTML 4Page - ON Semiconductor CS1087XFN44 Datasheet HTML 5Page - ON Semiconductor CS1087XFN44 Datasheet HTML 6Page - ON Semiconductor CS1087XFN44 Datasheet HTML 7Page - ON Semiconductor CS1087XFN44 Datasheet HTML 8Page - ON Semiconductor CS1087XFN44 Datasheet HTML 9Page - ON Semiconductor CS1087XFN44 Datasheet HTML 10Page - ON Semiconductor CS1087XFN44 Datasheet HTML 11Page - ON Semiconductor CS1087XFN44 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CS1087
http://onsemi.com
10
PACKAGE DIMENSIONS
SO–28L
DW SUFFIX
CASE 751F–05
ISSUE G
A1
1
15
14
28
B
S
X
M
0.025
Y S
T
M
0.25
Y M
SEATING
PLANE
A
DIM
MIN
MAX
MILLIMETERS
A
2.35
2.65
A1
0.13
0.29
B
0.35
0.49
C
0.23
0.32
D
17.80
18.05
E
7.40
7.60
G
1.27 BSC
H
10.05
10.55
L
0.41
0.90
M
0
8
__
L
C
PIN 1 IDENT
D
E
H
0.10
–X–
–Y–
G
–T–
M
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS D AND E DO NOT INCLUDE MOLD
PROTRUSION
4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE.
5. DIMENSION B DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBER
PR5OTRUSION SHALL NOT BE 0.13 TOTATL IN
EXCESS OF B DIMENSION AT MAXIMUM
MATERIAL CONDITION.


Numéro de pièce similaire - CS1087XFN44

FabricantNo de pièceFiches techniqueDescription
logo
Lumileds Lighting Compa...
CS108 LUMILEDS-CS108 Datasheet
1Mb / 3P
   Fixtures Slim Down with Low-Power LEDs
logo
Hammond Manufacturing L...
CS1084 HAMMOND-CS1084 Datasheet
115Kb / 3P
   Type 1 Mild Steel Junction Box CS Series Screw Cover and without Knockouts
CS1086 HAMMOND-CS1086 Datasheet
115Kb / 3P
   Type 1 Mild Steel Junction Box CS Series Screw Cover and without Knockouts
logo
ON Semiconductor
CS1088 ONSEMI-CS1088 Datasheet
71Kb / 8P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 9
CS1088XN40 ONSEMI-CS1088XN40 Datasheet
71Kb / 8P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 9
More results

Description similaire - CS1087XFN44

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CS1089 ONSEMI-CS1089 Datasheet
97Kb / 12P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 9
CS1088 ONSEMI-CS1088 Datasheet
71Kb / 8P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 9
logo
LAPIS Semiconductor Co....
ML9289 LAPIS-ML9289 Datasheet
298Kb / 31P
   Vacuum fluorescent display tube controller driver
logo
List of Unclassifed Man...
ML9289-01 ETC2-ML9289-01 Datasheet
471Kb / 31P
   Vacuum fluorescent display tube controller driver
FEDL9209-01 ETC2-FEDL9209-01 Datasheet
263Kb / 29P
   Vacuum fluorescent display tube controller driver
logo
OKI electronic componet...
ML9209-XX OKI-ML9209-XX Datasheet
383Kb / 29P
   Vacuum fluorescent display tube controller driver
logo
List of Unclassifed Man...
ML9286-03 ETC2-ML9286-03 Datasheet
425Kb / 37P
   Vacuum fluorescent display tube controller driver
ML9209-01 ETC2-ML9209-01 Datasheet
437Kb / 29P
   Vacuum fluorescent display tube controller driver
ML9209-XX ETC2-ML9209-XX Datasheet
437Kb / 29P
   Vacuum fluorescent display tube controller driver
ML9289-XX ETC2-ML9289-XX Datasheet
471Kb / 31P
   Vacuum fluorescent display tube controller driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com