Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KGL4215 Fiches technique(PDF) 4 Page - OKI electronic componets

No de pièce KGL4215
Description  10-Gbps Decision Circuit 0.2關m Gate Length GaAs MESFET Technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OKI [OKI electronic componets]
Site Internet  http://www.oki.com
Logo OKI - OKI electronic componets

KGL4215 Fiches technique(HTML) 4 Page - OKI electronic componets

  KGL4215 Datasheet HTML 1Page - OKI electronic componets KGL4215 Datasheet HTML 2Page - OKI electronic componets KGL4215 Datasheet HTML 3Page - OKI electronic componets KGL4215 Datasheet HTML 4Page - OKI electronic componets KGL4215 Datasheet HTML 5Page - OKI electronic componets KGL4215 Datasheet HTML 6Page - OKI electronic componets KGL4215 Datasheet HTML 7Page - OKI electronic componets KGL4215 Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
s KGL4215 s –––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
2
Oki Semiconductor
BLOCK DIAGRAM
ELECTRICAL CHARACTERISTICS
Exceeding these maximum ratings could cause immediate damage or lead to permanent deterioration of the device.
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Supply Voltage
VDD
-0.3
2.3
V
Data Input Voltage
VDI , VCI
-0.3
1.5
V
Temperature at Package Base under Bias
Ts
-45
100
°C
Storage Temperature
Tst
-45
125
°C
Electrical Characteristics
VDD = 2 V ± 0.1 V, Ts = 0°C to 70°C
Parameter
Symbol
Min.
Typ.
Max.
Units
Maximum Operating Data Bit Rate
DAR
10
Gbps
Power Dissipation
PW
0.6
0.75
W
Clock Input Voltage Swing
CIS
0.4
0.9
Vpp
Data Input Voltage Swing
DIS
0.1
0.9
Vpp
Output Voltage Swing
DOS
0.8
1.0
1.2
Vpp
Output ( Q, QN ) Rise Time and Fall Time
TRF
30
40
ps
Phase Margin @ 10 Gbps (223 -1 PRBS)
TPM
250
degree
DR1
DA
50
CR
CK
50
QN
VDD
VDD
DA
Data Input Terminal
CK
Clock Input Terminal
DR1, CR
Reference Voltage Terminals. Usually D1R and DR are connected to ground through a capacitor (0.1 µF).
DR2
Reference Voltage Bias Terminal
Q, QN
Complimentary Data Output Terminals
VDD
Power Supply of Internal Circuit
Q
VDD
C
C
D
D
Q
Q
MCFF
DR2


Numéro de pièce similaire - KGL4215

FabricantNo de pièceFiches techniqueDescription
logo
OKI electronic componet...
KGL4210 OKI-KGL4210 Datasheet
83Kb / 8P
   10-Gbps GaAs Frequency Divider ICs
KGL4216 OKI-KGL4216 Datasheet
81Kb / 8P
   10-Gbps T-Flip Flop IC 0.2關m Gate Length GaAs MESFET Technology
KGL4217 OKI-KGL4217 Datasheet
189Kb / 18P
   10-Gbps GaAs Optical Communications Family
More results

Description similaire - KGL4215

FabricantNo de pièceFiches techniqueDescription
logo
OKI electronic componet...
KGL4203 OKI-KGL4203 Datasheet
83Kb / 8P
   10-Gbps EXOR/NOR IC 0.2關m Gate Length GaAs MESFET Technology
KGL4216 OKI-KGL4216 Datasheet
81Kb / 8P
   10-Gbps T-Flip Flop IC 0.2關m Gate Length GaAs MESFET Technology
KGL4205 OKI-KGL4205 Datasheet
85Kb / 8P
   10-Gbps D-Flip Flop IC 0.2關m Gate Length GaAs MESFET Technology
logo
NEC
NE25337 NEC-NE25337 Datasheet
160Kb / 5P
   GENERAL PURPOSE DUAL-GATE GaAs MESFET
NE25139 NEC-NE25139 Datasheet
54Kb / 7P
   GENERAL PURPOSE DUAL-GATE GaAS MESFET
NE25339 NEC-NE25339 Datasheet
48Kb / 6P
   GENERAL PURPOSE DUAL-GATE GaAs MESFET
NE25137 NEC-NE25137 Datasheet
186Kb / 5P
   GENERAL PURPOSE DUAL GATE GAAS MESFET
logo
California Eastern Labs
NE25118 CEL-NE25118 Datasheet
51Kb / 4P
   GENERAL PURPOSE DUAL-GATE GaAS MESFET
logo
NEC
NE25118 NEC-NE25118 Datasheet
45Kb / 4P
   GENERAL PURPOSE DUAL-GATE GaAS MESFET
logo
California Eastern Labs
NE25139 CEL-NE25139 Datasheet
58Kb / 7P
   GENERAL PURPOSE DUAL-GATE GaAS MESFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com