Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KGL4215 Fiches technique(PDF) 3 Page - OKI electronic componets

No de pièce KGL4215
Description  10-Gbps Decision Circuit 0.2μm Gate Length GaAs MESFET Technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OKI [OKI electronic componets]
Site Internet  http://www.oki.com
Logo OKI - OKI electronic componets

KGL4215 Fiches technique(HTML) 3 Page - OKI electronic componets

  KGL4215 Datasheet HTML 1Page - OKI electronic componets KGL4215 Datasheet HTML 2Page - OKI electronic componets KGL4215 Datasheet HTML 3Page - OKI electronic componets KGL4215 Datasheet HTML 4Page - OKI electronic componets KGL4215 Datasheet HTML 5Page - OKI electronic componets KGL4215 Datasheet HTML 6Page - OKI electronic componets KGL4215 Datasheet HTML 7Page - OKI electronic componets KGL4215 Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1
Oki Semiconductor
KGL4215
10-Gbps GaAs Decision Circuit
INTRODUCTION
Oki Semiconductor’s KGL4215 is a 10-Gbps Decision Circuit with Limiting Amplifier and Flip Flop that
is designed for ultra high-speed digital communications systems. The KGL415 uses 0.2-µm gate length
GaAs MESFET and Oki’s unique MCFF ( Memory Cell type Flip Flop ) technology to achieve operating
speeds of 10-Gbps or more. The KGL4215 is available as a 24-pin ceramic packaged device. Due to the
KGL4215’s high sensitivity, capacitive coupling is recommended for the IC’s interface.
FEATURES
• High-speed operation: 10-Gbps data rate (min)
• Low-power dissipation: 600 mW (typ.) using 2-V power-supply
• 0.2-µm gate length GaAs MESFET process
• MCFF ( Memory Cell type Flip Flop ) technology
• 24-pin ceramic package
APPLICATION
• High-speed optical communication systems: 10 Gbps
• High-speed test equipment


Html Pages

1  2  3  4  5  6  7  8 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn