Moteur de recherche de fiches techniques de composants électroniques |
|
CS1087 Fiches technique(PDF) 8 Page - ON Semiconductor |
|
CS1087 Fiches technique(HTML) 8 Page - ON Semiconductor |
8 / 12 page CS1087 http://onsemi.com 8 PACKAGE DIMENSIONS NOTES: 1. POSITIONAL TOLERANCE OF LEADS (D), SHALL BE WITHIN 0.25 (0.010) AT MAXIMUM MATERIAL CONDITION, IN RELATION TO SEATING PLANE AND EACH OTHER. 2. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 3. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 120 40 21 B A C SEATING PLANE D F G H K N M J L DIM MIN MAX MIN MAX INCHES MILLIMETERS A 51.69 52.45 2.035 2.065 B 13.72 14.22 0.540 0.560 C 3.94 5.08 0.155 0.200 D 0.36 0.56 0.014 0.022 F 1.02 1.52 0.040 0.060 G 2.54 BSC 0.100 BSC H 1.65 2.16 0.065 0.085 J 0.20 0.38 0.008 0.015 K 2.92 3.43 0.115 0.135 L 15.24 BSC 0.600 BSC M 0 15 0 15 N 0.51 1.02 0.020 0.040 __ __ DIP–40 WIDE BODY N SUFFIX CASE 711–03 ISSUE C |
Numéro de pièce similaire - CS1087 |
|
Description similaire - CS1087 |