Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC1G14GM Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce 74LVC1G14GM
Description  Single Schmitt-trigger inverter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G14GM Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button 74LVC1G14GM Datasheet HTML 7Page - NXP Semiconductors 74LVC1G14GM Datasheet HTML 8Page - NXP Semiconductors 74LVC1G14GM Datasheet HTML 9Page - NXP Semiconductors 74LVC1G14GM Datasheet HTML 10Page - NXP Semiconductors 74LVC1G14GM Datasheet HTML 11Page - NXP Semiconductors 74LVC1G14GM Datasheet HTML 12Page - NXP Semiconductors 74LVC1G14GM Datasheet HTML 13Page - NXP Semiconductors 74LVC1G14GM Datasheet HTML 14Page - NXP Semiconductors 74LVC1G14GM Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
2004 Sep 10
11
Philips Semiconductors
Product specification
Single Schmitt-trigger inverter
74LVC1G14
Fig.9 Definitions of VT+, VT− and VH.
handbook, halfpage
MNA027
VO
VI
VH
VT+
VT−
handbook, halfpage
03
VI (V)
ICC
(mA)
10
0
2
MNA641
4
6
8
12
Fig.10 Typical transfer characteristics at
VCC = 3.0 V.
APPLICATION INFORMATION
The slow input rise and fall times cause additional power
dissipation, this can be calculated using the following
formula:
Pad =fi × (tr × ICC(AV) +tf × ICC(AV)) × VCC where:
Pad = additional power dissipation (µW);
fi = input frequency (MHz);
tr = input rise time (ns); 10 % to 90 %;
tf = input fall time (ns); 90 % to 10 %;
ICC(AV) = average additional supply current (µA).
Average ICC differs with positive or negative input
transitions, as shown in Fig.11.
An example of a relaxation circuit using the 74LVC1G14 is
shown in Fig.12.
Remark to the application information
All values given are typical values unless otherwise
specified.
handbook, halfpage
02
6
12
0
8
6
4
2
10
MNA642
4
VCC (V)
average
ICC
(mA)
negative-going
edge
positive-going
edge
Fig.11 Average ICC for 74LVC1G Schmitt-trigger
devices; linear change of VI between
0.8 V to 2.0 V.


Numéro de pièce similaire - 74LVC1G14GM

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC1G14GM NXP-74LVC1G14GM Datasheet
99Kb / 16P
   Single Schmitt-trigger inverter
Rev. 07-18 July 2007
74LVC1G14GM PHILIPS-74LVC1G14GM Datasheet
368Kb / 20P
   Single Schmitt-trigger inverter
Rev. 12-6 August 2012
logo
Nexperia B.V. All right...
74LVC1G14GM NEXPERIA-74LVC1G14GM Datasheet
290Kb / 19P
   Single Schmitt-trigger inverter
Rev. 17 - 20 January 2022
74LVC1G14GM-Q100 NEXPERIA-74LVC1G14GM-Q100 Datasheet
253Kb / 15P
   Single Schmitt trigger inverter
Rev. 7 - 20 January 2022
More results

Description similaire - 74LVC1G14GM

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NLU1G14 ONSEMI-NLU1G14_12 Datasheet
137Kb / 10P
   Single Schmitt-Trigger Inverter
July, 2012 ??Rev. 2
logo
Unisonic Technologies
U74AHCT1G14 UTC-U74AHCT1G14 Datasheet
198Kb / 4P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74LVC1G14 NXP-74LVC1G14 Datasheet
99Kb / 16P
   Single Schmitt-trigger inverter
Rev. 07-18 July 2007
logo
Texas Instruments
SN74AUC1G14-EP TI-SN74AUC1G14-EP Datasheet
158Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER
SN74AUC1G14 TI-SN74AUC1G14 Datasheet
320Kb / 13P
[Old version datasheet]   SINGLE SCHMITT TRIGGER INVERTER
SN74LVC1G14 TI1-SN74LVC1G14_15 Datasheet
1Mb / 27P
[Old version datasheet]   Single Schmitt-Trigger Inverter
logo
Unisonic Technologies
U74LVC1G14 UTC-U74LVC1G14_V01 Datasheet
181Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
Diodes Incorporated
74AHC1G14Q DIODES-74AHC1G14Q Datasheet
662Kb / 9P
   SINGLE SCHMITT-TRIGGER INVERTER
March 2022 Rev. 2 - 2
logo
NXP Semiconductors
74LVC1G14GW.125 NXP-74LVC1G14GW.125 Datasheet
368Kb / 20P
   Single Schmitt-trigger inverter
Rev. 12-6 August 2012
logo
ON Semiconductor
MC74VHC1G14 ONSEMI-MC74VHC1G14_13 Datasheet
121Kb / 6P
   Single Schmitt-Trigger Inverter
February, 2013 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com